Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC691CSWPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC691CSWPBF
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691CSWPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC691CSWPBF Datasheet HTML 2Page - Linear Technology LTC691CSWPBF Datasheet HTML 3Page - Linear Technology LTC691CSWPBF Datasheet HTML 4Page - Linear Technology LTC691CSWPBF Datasheet HTML 5Page - Linear Technology LTC691CSWPBF Datasheet HTML 6Page - Linear Technology LTC691CSWPBF Datasheet HTML 7Page - Linear Technology LTC691CSWPBF Datasheet HTML 8Page - Linear Technology LTC691CSWPBF Datasheet HTML 9Page - Linear Technology LTC691CSWPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC690/LTC691
LTC694/LTC695
6
690fe
BLOCK DIAGRAM
CHARGE
PUMP
M2
M1
VBATT
VCC
CE IN
PFI
OSC IN
OSC SEL
WDI
RESET PULSE
GENERATOR
WATCHDOG
TIMER
RESET
BATT ON
VOUT
C1
1.3V
GND
–
+
–
+
C2
OSC
TRANSITION
DETECTOR
–
+
C3
WDO
RESET
PFO
LOW⎯LINE
CE OUT
690 BD
PIN FUNCTIONS
VCC: 5V Supply Input. The VCC pin should be bypassed
with a 0.1μF capacitor.
VOUT: Voltage Output for Backed Up Memory. Bypass with
a capacitor of 0.1μF or greater. During normal operation,
VOUT obtains power from VCC through an NMOS power
switch, M1, which can deliver up to 50mA and has a typical
on resistance of 5Ω. When VCC is lower than VBATT, VOUT
is internally switched to VBATT. If VOUT and VBATT are not
used, connect VOUT to VCC.
VBATT: Back-Up Battery Input. When VCC falls below VBATT,
auxiliary power, connected to VBATT, is delivered to VOUT
through PMOS switch, M2. If back-up battery or auxiliary
power is not used, VBATT should be connected to GND.
GND: Ground pin.
BATT ON: Battery On Logic Output from Comparator C2.
BATT ON goes low when VOUT is internally connected to
VCC. The output typically sinks 35mA and can provide
base drive for an external PNP transistor to increase the
output current above the 50mA rating of VOUT. BATT ON
goes high when VOUT is internally switched to VBATT.
PFI: Power Failure Input. PFI is the noninverting input
to the power-fail comparator, C3. The inverting input is
internally connected to a 1.3V reference. The power failure
output remains high when PFI is above 1.3V and goes
low when PFI is below 1.3V. Connect PFI to GND or VOUT
when C3 is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com