Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRC Datasheet(PDF) 2 Page - Tyco Electronics

Part # SSRC
Description  5A SIP Solid State Relay With Paired SCR Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRC Datasheet(HTML) 2 Page - Tyco Electronics

  SSRC Datasheet HTML 1Page - Tyco Electronics SSRC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SSRC Series Solid State Relays
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
1.00
(25.4)
MAX.
.700
(17.8)
1.100
(27.9)
1.70
(43.1)
MAX.
.050
(1.3)
TYP.
CONTROL
LOAD
.100
(2.5)
.040 (1.0) DIA.
4 PLACES
.200
(5.1)
.300
(7.6)
TYP.
4
–
3
+
21
PIN ASSIGNMENTS:
PIN 1: AC LOAD
PIN 2: AC LOAD
PIN 3: +DC INPUT
PIN 4: -DC INPUT
.300
(7.6)
MAX.
Outline Dimensions
Electrical Characteristics (Thermal Derating Curve)
*See Thermal Derating Curves.
Parameter
Conditions
Units
240V Nom. Output Units
480V Nom. Output Units
Load Voltage Range V
Repetitive Blocking Voltage (Min.)
I t Rating
A Sec.
V rms
V/µs
ms
ms
Turn-Off Time (Max.)
I = Max.
2
Turn-On Time (Max.)
L
L
48-660
Single Cycle Surge Current (Min.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating (Min,)
L
t = 8.3 ms
2
f = 60 Hz.
f = 47-63 Hz.
f = 60 Hz.
I = Max.
L
f = 60 Hz. V = 280Vrms
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
8.3 for Zero Voltage Turn-On Models
0.1 for Random Voltage Turn-On Models
250
.06-5.0
±1200
260
0.1
1.4
500
8.3
L
0.5
12-280
8.3 for Zero Voltage Turn-On Models
0.1 for Random Voltage Turn-On Models
250
.06-5.0
±600
260
0.1
1.4
500
8.3
0.5
Resistive
V = Max.
L
Output Specifications (@ 25° C, unless otherwise specified)
5.0
6.0
3.0
1.0
2.0
4.0
0
20
040
60
80
Ambient Temperature (°C)
Max. Load Current vs. Temp.
Disclaimer
While Tyco Electronics has made every reasonable effort to ensure the
accuracy of the information in this document, Tyco Electronics does not
guarantee that it is error-free, nor does Tyco Electronics make any other
representation, warranty or guarantee that the information is accurate,
correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments to the
information contained herein at any time without notice. Tyco Electronics
expressly disclaims all implied warranties regarding the information
contained herein, including, but not limited to, any implied warranties of
merchantability or fitness for a particular purpose.
The dimensions in this catalog are for reference purposes only and are
subject to change without notice. Specifications are subject to change
without notice. Consult Tyco Electronics for the latest dimensions and
design specifications.
Catalog 8-1773454-2
Issued 4-09
www.tycoelectronics.com
© 2009 by Tyco Electronics Corporation. All Rights Reserved.
TE logo and Tyco Electronics are trademarks.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com