Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP402SC Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # SMP402SC
Description  20-72 VDC Input Non-isolated DC Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SMP402SC Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button SMP402SC Datasheet HTML 5Page - Power Integrations, Inc. SMP402SC Datasheet HTML 6Page - Power Integrations, Inc. SMP402SC Datasheet HTML 7Page - Power Integrations, Inc. SMP402SC Datasheet HTML 8Page - Power Integrations, Inc. SMP402SC Datasheet HTML 9Page - Power Integrations, Inc. SMP402SC Datasheet HTML 10Page - Power Integrations, Inc. SMP402SC Datasheet HTML 11Page - Power Integrations, Inc. SMP402SC Datasheet HTML 12Page - Power Integrations, Inc. SMP402SC Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
D
1/96
SMP402
9
V
IH = 3.0 V
V
IL = 0 V
I
OH = -0.5 mA
I
OL = 0.5 mA
T
j = 25°C
I
OUT = -100 mA
T
j = 100°C
V
DS = 5 V
T
j = 25°C
See Note 1
T
j = 100°C
120
140
15
10
50
-500
-100
3.0
1.0
3.5
0.4
1.7
2.2
21
24
27
57
12
20
200
500
100
350
I
IH
I
IL
V
IH
V
IL
V
OH
V
OL
V
SENSE+/-
I
LEVEL
I
POLARITY
R
DS(ON)
I
D(ON)
°C
°C
µA
µA
V
V
V
V
V
µA
µA
Ω
mA
CIRCUIT PROTECTION
Thermal Shutdown
Temperature
Thermal Shutdown
Hysteresis
Input Current
High
Input Current
Low
Input Voltage
High
Input Voltage
Low
Output Voltage
High
Output Voltage
Low
Threshold
Voltage
LEVEL
Threshold Current
POLARITY
Threshold Current
ON-State
Resistance
ON-State
Current
LOGIC
SENSE INPUTS
OUTPUT
Conditions
(Unless Otherwise Specified)
Parameter
Symbol
V
IN = 48 V, VBIAS = 5 V, GNDs = 0 V
Min
Typ
Max
Units
R
EXT = 20.5 kΩ, CEXT = 120 pF
R
S+, RS- = 1.2 MΩ, Tj = 0 to 120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com