Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBX0OUTLP07 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JBX0OUTLP07
Description  JBX PLUG ASSEMBLY INSTRUCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBX0OUTLP07 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JBX0OUTLP07 Datasheet HTML 1Page - List of Unclassifed Manufacturers JBX0OUTLP07 Datasheet HTML 2Page - List of Unclassifed Manufacturers JBX0OUTLP07 Datasheet HTML 3Page - List of Unclassifed Manufacturers JBX0OUTLP07 Datasheet HTML 4Page - List of Unclassifed Manufacturers JBX0OUTLP07 Datasheet HTML 5Page - List of Unclassifed Manufacturers JBX0OUTLP07 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3. When assembling a plug with a protective boot (#3), prep the cable by taking the protective
boot and sliding it with the small inside diameter first onto the cable. Then slide the end of the
back nut (#2) that has the smaller diameter onto the cable. Next, take the collet (#1) and slide
the end with the gripping teeth first onto the cable until the opposite end of the collet is flush
with the cut end of the jacket. If the cable has shielding, fold back the braid so that it is
covering the outside diameter of the collet. Do not place braid into any area of the alignment
slots. Then insure that the braid does not interfere with the alignment slots of the collet.
Gripping Teeth
4. Attach removable contacts to wires:
a. If using crimped contacts, crimp the contacts onto the ends of the exposed wires using
the proper crimping tool set on the correct AWG wire. (see FIGURE 4.A). After the
contact has been crimped to the wire, check each contact to insure that the contact is
securely crimped to the wire.
Locator for pin and socket 0.7 - 0.9 mm and 1.3 mm contacts
FIGURE 4.A
Male contact
Female contact
Shell
size
Ø
contacts
AWG
SOURIAU P/N
DANIELS P/N ASTRO P/N
SOURIAU P/N
DANIELS P/N
ASTRO P/N
0.7
22 - 24 – 26
JBX 0 OUT LP07
86 – 223
/
JBX 0 OUT LS07
86 – 224
/
0
0.9
20 - 22 – 24
JBX 0 OUT LP09
86 – 225
/
JBX 0 OUT LS09
86 – 226
/
0.7
22 - 24 – 26
JBX 1 OUT LP07
86 – 196
642 – 001
JBX 1 OUT LS07
86 – 197
642 – 004
0.9
20 - 22 – 24
JBX 1 OUT LP09
86 – 198
642 – 002
JBX 1 OUT LS09
86 – 199
642 – 005
1
1.3
18 - 20 – 22
JBX 1 OUT LP13
86 – 200
642 – 003
JBX 1 OUT LS13
86 – 201
642 – 006
0.7
22 - 24 – 26
JBX 2 OUT LP07
86 – 202
642 – 007
JBX 2 OUT LS07
86 – 203
642 – 010
0.9
20 - 22 – 24
JBX 2 OUT LP09
86 – 204
642 – 008
JBX 2 OUT LS09
86 - 205
642 – 011
2
1.3
18 - 20 – 22
JBX 2 OUT LP13
86 – 206
642 – 009
JBX 2 OUT LS13
86 – 207
642 – 012
0.7
22 - 24 – 26
JBX 3 OUT LP07
86 – 217
642 – 014
JBX 3 OUT LS07
86 – 214
642 – 017
0.9
20 - 22 – 24
JBX 3 OUT LP09
86 – 218
642 – 015
JBX 3 OUT LS09
86 – 215
642 – 018
3
1.3
18 - 20 – 22
JBX 3 OUT LP13
86 – 219
642 – 016
JBX 3 OUT LS13
86 – 216
642 - 019
Turret with locator for pin and socket 1.6 mm and 2 mm contacts
Male and female contacts
Shell size
Ø contacts
AWG
SOURIAU P/N
DANIELS P/N
ASTRO P/N
1.6
14 - 16 – 18
JBX 2 OUT LT16
TH 564
650 – 030
2
2
12 - 14 – 16
JBX 2 OUT LT20
TH 565
650 – 031
1.6
14 - 16 – 18
JBX 3 OUT LT16
TH 566
650 – 038
3
2
12 - 14 – 16
JBX 3 OUT LT20
TH 567
650 - 035
REV 4 – April 14, 2004



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com