Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBX1OUTLP09 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JBX1OUTLP09
Description  JBX PLUG ASSEMBLY INSTRUCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBX1OUTLP09 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JBX1OUTLP09 Datasheet HTML 1Page - List of Unclassifed Manufacturers JBX1OUTLP09 Datasheet HTML 2Page - List of Unclassifed Manufacturers JBX1OUTLP09 Datasheet HTML 3Page - List of Unclassifed Manufacturers JBX1OUTLP09 Datasheet HTML 4Page - List of Unclassifed Manufacturers JBX1OUTLP09 Datasheet HTML 5Page - List of Unclassifed Manufacturers JBX1OUTLP09 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Crimping Tool
Specifications MIL-C-22520 / 7.01
MIL P/N – SOURIAU P/N
Supplier P/N
Contacts 0.7 mm – 0.9 mm
and 1.3mm
MIL-22520/7-01
Daniels: MH860
Specifications MIL-C-22520 / 1.01
MIL P/N – SOURIAU P/N
Supplier P/N
Contacts 1.6 mm and 2 mm
MIL-22520/1-01
Daniels: AF8
Buchanan: 615708
b. If using soldered contacts, prep each wire with flux and then tin dip each exposed wire
end. Next pre-load a piece of heat shrink onto the wire (Individual heat shrink tubes are
optional). Solder each wire to the solder cup end of the contact. To avoid shorts, make
sure that no solder comes in contact with any other contact or wire on the connector.
After the contact has been soldered to the wire, check each contact to insure that the
contact is securely soldered to the wire. Slide the pre-loaded heat shrink over the solder
joint and shrink into place. Do not over-heat the solder joint area as it can cause the
solder to re-flow or it could burn the wire insulation.
5. If inserting removable contacts:
REV 4 – April 14, 2004
a. Starting with the interface end of the contact, carefully insert each contact into the
backside of the insulator that has the position loading path indicator (worm) on it. Start
with the end of the position loading path indicator (worm) that has the half circle on it
(Position #1). Then follow the position loading path indicator (worm) around the
insulator. You will go counter clockwise if using a male contact and clockwise if using
a female contact (see diagram below for the position loading path indicator (worm)
layout). If the connector has center contacts, it is sometimes easier to start at the end of
the position loading path indicator (worm) (last position) and work backwards. This is
up to the assembler and the process they are using to insert the contacts. Make sure not
to bend the contact when inserting it into the insulator. It is extremely important that the
contact is completely seated in to the insulator. For the connector to function properly,
the contact should click/snap into place when seated. To confirm the seating of the
contact, check each contact for proper seating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com