Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFP
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFP Datasheet(HTML) 2 Page - Texas Instruments

  ADS5281IPFP Datasheet HTML 1Page - Texas Instruments ADS5281IPFP Datasheet HTML 2Page - Texas Instruments ADS5281IPFP Datasheet HTML 3Page - Texas Instruments ADS5281IPFP Datasheet HTML 4Page - Texas Instruments ADS5281IPFP Datasheet HTML 5Page - Texas Instruments ADS5281IPFP Datasheet HTML 6Page - Texas Instruments ADS5281IPFP Datasheet HTML 7Page - Texas Instruments ADS5281IPFP Datasheet HTML 8Page - Texas Instruments ADS5281IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5281
12
50
8
ADS5282
12
65
8
ADS5287
10
65
8
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5242
12
65
4
ORDERING INFORMATION(1)(2)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY(3)
ADS5281IPFP
Tray
HTQFP-80
PFP
ADS5281I
(PowerPAD)
ADS5281PFPR
Tape and Reel
ADS5281
–40
°C to +85°C
ADS5281IRGCT
Tape and Reel
QFN-64
RGC
AZ5281
ADS5281IRGCR
Tape and Reel
ADS5282IRGCT
Tape and Reel
ADS5282
QFN-64
RGC
–40
°C to +85°C
AZ5282
ADS5282IRGCR
Tape and Reel
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These devices meet the following planned eco-friendly classification:
Green (RoHS and No Sb/Br): Texas Instruments defines Green to mean Pb-free (RoHS compatible) and free of bromine (Br)- and
antimony (Sb)-based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more information. These devices
have a Cu NiPdAu lead/ball finish.
(3)
Refer to the Package Option Addendum at the end of this document for specific transport media and quantity information.
Over operating free-air temperature range, unless otherwise noted.
ADS528x
UNIT
Supply voltage range, AVDD
–0.3 to +3.9
V
Supply voltage range, LVDD
–0.3 to +2.2
V
Voltage between AVSS and LVSS
–0.3 to +0.3
V
External voltage applied to REFT pin
–0.3 to +3
V
External voltage applied to REFB pin
–0.3 to +2
V
Voltage applied to analog input pins
–0.3 to minimum [3.6, (AVDD + 0.3)]
V
Voltage applied to digital input pins
–0.3 to minimum [3.9, (AVDD + 0.3)]
V
Peak solder temperature
+260
°C
Junction temperature
+125
°C
Storage temperature range
–65 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com