Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP100-4 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TOP100-4
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP100-4 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP100-4 Datasheet HTML 10Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 11Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 12Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 13Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 14Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 15Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 16Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 17Page - Power Integrations, Inc. TOP100-4 Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
E
7/96
14
TOP100-4
PI-1215-091794
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
DC =
t1
t2
Figure 12. TOPSwitch Duty Cycle Measurement.
PI-1905-061396
C1
0.1
µF
C2
47
µF
VS1
0-50 V
VS2
40 V
TOPSwitch
R1
470
Ω
5 W
S2
S1
R2
470
Ω
DRAIN
SOURCE
CONTROL
NOTE: This test circuit is not applicable for current limit or output characteristic measurements.
Figure 14. TOPSwitch General Test Circuit.
120
100
80
40
20
60
0
02
4
6
8
10
CONTROL Pin Voltage (V)
TYPICAL CONTROL PIN I-V CHARACTERISTIC
Latched Shutdown
Trigger Current (45 mA)
1
Slope
Dynamic
Impedance
=
Figure 13. TOPSwitch CONTROL Pin I-V Characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com