Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD160701 Datasheet(PDF) 2 Page - TDK Electronics

Part # SD160701
Description  Electromagnetic Buzzers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SD160701 Datasheet(HTML) 2 Page - TDK Electronics

  SD160701 Datasheet HTML 1Page - TDK Electronics SD160701 Datasheet HTML 2Page - TDK Electronics SD160701 Datasheet HTML 3Page - TDK Electronics SD160701 Datasheet HTML 4Page - TDK Electronics SD160701 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(1/4)
006-01 / 20090108 / ec211_sd.fm
• All specifications are subject to change without notice.
Electromagnetic Buzzers
Pin Terminal SD Series
SD1209T3-A1, SD1209T5-A1(Applicable to automobile) / ø12mm TYPE
FEATURES
• These high reliability electromagnetic buzzers are applicable to
automobile equipment.
• Compact, pin terminal type electromagnetic buzzer with 2048Hz
output.
• Pin type terminal construction enables direct mounting onto
printed circuit boards.
APPLICATIONS
Clocks, travel watches, keyboards, toys, various alarms of automo-
bile equipment.
FREQUENCY CHARACTERISTICS
Around 2000Hz
SHAPES AND DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed an another operating rated
frequency.
SD160701, SD160709 / ø16mm TYPE
FEATURES
• These are thin-type electromagnetic buzzers with a height of
only 7mm. They provide output over a relatively wide band,
making them suitable for music.
• Pin type terminal construction enables direct mounting onto
printed circuit boards.
APPLICATIONS
Travel watches, keyboards, handy-type equipment, toys.
FREQUENCY CHARACTERISTICS
Around 4000Hz
SHAPES AND DIMENSIONS
SPECIFICATIONS
• Please ask us for details which is designed an another operating rated
frequency.
Conformity to RoHS Directive
100
90
80
70
60
1000
2000
3000
Frequency(Hz)
Part No.
SD1209T3-A1 SD1209T5-A1
Rated voltage Eo-p(V)
3
5
Operating voltage Eo-p(V)
1 to 4
3 to 6
Drive conditions:Rated voltage, square wave form [duty 50%]
Frequency(Hz)
2048
2048
Sound pressure(dB(A)/10cm)min.
80
80
Current Io-p(mA)max.
60
60
DC resistance(
Ω)typ.
50
90
Terminal construction
Pin terminal
Pin terminal
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C
Sound release
hole
3.2
0.5
5.5
9
Weight: 2g
Dimensions in mm
• The longer pin is the + side.
100
90
80
70
60
3000
4000
5000
Frequency(Hz)
Part No.
SD160701
SD160709
Rated voltage Eo-p(V)
3
5
Operating voltage Eo-p(V)
1 to 5
3 to 9
Drive conditions:Rated voltage, square wave form [duty 50%]
Drive frequency(Hz)
4096
4096
Sound pressure(dB(A)/10cm)min.
80
80
Current Io-p(mA)max.
60
70
DC resistance(
Ω)typ.
50
70
Terminal construction
Pin terminal
Pin terminal
Operating temperature range
–10 to +70°C
Storage temperature range
–20 to +80°C
Sound release
hole
3.2
0.5
5.5
7
•The longer pin is the + side.
Weight: 3.5g
Dimensions in mm
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com