Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP10YAI Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP10YAI
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP10YAI Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP10YAI Datasheet HTML 6Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP10YAI Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
E
7/96
10
TOP100-4
I
C = 4 mA, Tj = 25˚C
I
C = ICD1+ 0.5 mA, See Figure 12
I
C = 10 mA, See Figure 12
I
C = 4 mA, Tj = 25˚C
See Figure 4
See Note 1
See Figure 4
I
C = 4 mA, Tj = 25˚C
See Figure 13
T
j = 25˚C
See Note 1
S1 open
Conditions
(Unless Otherwise Specified)
Specification
Symbol
See Figure 14
Min
Typ
Max
Units
SOURCE = 0 V
T
j = -40 to 125°C
ABSOLUTE MAXIMUM RATINGS(1)
DRAIN Voltage ............................................ -0.3 to 350 V
CONTROL Voltage ..................................... - 0.3 V to 9 V
Storage Temperature ...................................... -65 to 125
°C
Operating Junction Temperature(2) ................. -40 to 150
°C
Lead Temperature(3) ................................................. 260
°C
Thermal Impedance (
θ
JA) ...................................... 70°C/W
Thermal Impedance (
θ
JC)
(4) .................................... 2
°C/W
1. Unless noted, all voltages referenced to SOURCE,
T
A = 25°C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
4. Measured at tab closest to plastic interface.
90
100
110
64
67
70
1.0
1.8
3.0
-11
-16
-21
-0.05
1.5
2.5
4
10
15
22
0.18
-2.4
-1.9
-1.2
-2
-1.5
-0.8
0.4
5.7
f
OSC
DC
MAX
DC
MIN
I
B
Z
C
I
C
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
Minimum
Duty Cycle
PWM
Gain
PWM Gain
Temperature Drift
External
Bias Current
Dynamic
Impedance
Dynamic Impedance
Temperature Drift
CONTROL Pin
Charging Current
Charging Current
Temperature Drift
Auto-restart
Threshold Voltage
kHz
%
%
%/mA
%/mA/˚C
mA
Ω
%/˚C
mA
%/˚C
V
SHUTDOWN/AUTO-RESTART
V
C = 0 V
V
C = 5 V
V
C(AR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com