Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2451 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2451
Description  Ultra-Tiny, 16-Bit DS ADC with I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2451 Datasheet(HTML) 2 Page - Linear Technology

  LTC2451_1 Datasheet HTML 1Page - Linear Technology LTC2451_1 Datasheet HTML 2Page - Linear Technology LTC2451_1 Datasheet HTML 3Page - Linear Technology LTC2451_1 Datasheet HTML 4Page - Linear Technology LTC2451_1 Datasheet HTML 5Page - Linear Technology LTC2451_1 Datasheet HTML 6Page - Linear Technology LTC2451_1 Datasheet HTML 7Page - Linear Technology LTC2451_1 Datasheet HTML 8Page - Linear Technology LTC2451_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2451
2
2451ff
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage (VIN)............ –0.3V to (VCC + 0.3V)
Reference Voltage (VREF+, VREF–)...–0.3V to(VCC + 0.3V)
Digital Voltage (VSDA, VSCL) .......... –0.3V to (VCC + 0.3V)
(Notes 1, 2)
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
REF–
REF+
VCC
SDA
SCL
IN
GND
C/I GRADE TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
GND 1
REF– 2
REF+ 3
VCC 4
8 SDA
7 SCL
6 IN
5 GND
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
C/I GRADE TJMAX = 125°C, θJA = 140°C/W
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
l
16
Bits
Integral Nonlinearity
(Note 4)
l
210
LSB
Offset Error
30Hz Mode
l
0.08
0.5
mV
Offset Error
60Hz Mode
l
0.5
2
mV
Offset Error Drift
0.02
LSB/°C
Gain Error
l
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
1.4
μVRMS
Power Supply Rejection DC
30Hz Mode
80
dB
Power Supply Rejection DC
60Hz Mode
80
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2451CDDB#TRMPBF
LTC2451CDDB#TRPBF
LDGQ
8-Lead Plastic (3mm × 2mm) DFN
0°C to 70°C
LTC2451IDDB#TRMPBF
LTC2451IDDB#TRPBF
LDGQ
8-Lead Plastic (3mm × 2mm) DFN
–40°C to 85°C
LTC2451CDDB#TRMPBF
LTC2451CTS8#TRPBF
LTDNS
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2451IDDB#TRMPBF
LTC2451ITS8#TRPBF
LTDNS
8-Lead Plastic TSOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range................... –65°C to 150°C
Operating Temperature Range
LTC2451C ................................................ 0°C to 70°C
LTC2451I.............................................. –40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com