Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2480 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2480
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 2 Page - Linear Technology

  LTC2480_1 Datasheet HTML 1Page - Linear Technology LTC2480_1 Datasheet HTML 2Page - Linear Technology LTC2480_1 Datasheet HTML 3Page - Linear Technology LTC2480_1 Datasheet HTML 4Page - Linear Technology LTC2480_1 Datasheet HTML 5Page - Linear Technology LTC2480_1 Datasheet HTML 6Page - Linear Technology LTC2480_1 Datasheet HTML 7Page - Linear Technology LTC2480_1 Datasheet HTML 8Page - Linear Technology LTC2480_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC2480
2
2480fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) to GND ...................... –0.3V to 6V
Analog Input Voltage to GND ....... –0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. –0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ –0.3V to (VCC + 0.3V)
Digital Output Voltage to GND...... –0.3V to (VCC + 0.3V)
(Notes 1, 2)
Operating Temperature Range
LTC2480C ............................................... 0°C to 70°C
LTC2480I ............................................ –40°C to 85°C
LTC2480H ........................................ –40°C to 125°C
Storage Temperature Range.................. –65°C to 125°C
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
fO
SCK
GND
SDO
CS
SDI
VCC
VREF
IN+
IN–
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
SDI
VCC
VREF
IN+
IN–
10
9
8
7
6
fO
SCK
GND
SDO
CS
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2480CDD#PBF
LTC2480CDD#TRPBF
LBJY
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2480IDD#PBF
LTC2480IDD#TRPBF
LBJY
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2480CMS#PBF
LTC2480CMS#TRPBF
LTCWB
10-Lead Plastic MSOP
0°C to 70°C
LTC2480IMS#PBF
LTC2480IMS#TRPBF
LTCWB
10-Lead Plastic MSOP
–40°C to 85°C
LTC2480HDD#PBF
LTC2480HDD#TRPBF
LBJY
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC2480HMS#PBF
LTC2480HMS#TRPBF
LTCWB
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com