Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2481 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 2 Page - Linear Technology

  LTC2481_1 Datasheet HTML 1Page - Linear Technology LTC2481_1 Datasheet HTML 2Page - Linear Technology LTC2481_1 Datasheet HTML 3Page - Linear Technology LTC2481_1 Datasheet HTML 4Page - Linear Technology LTC2481_1 Datasheet HTML 5Page - Linear Technology LTC2481_1 Datasheet HTML 6Page - Linear Technology LTC2481_1 Datasheet HTML 7Page - Linear Technology LTC2481_1 Datasheet HTML 8Page - Linear Technology LTC2481_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC2481
2
2481fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) to GND...................... – 0.3V to 6V
Analog Input Voltage to GND ....... –0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. –0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND...... –0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2481C.................................................... 0°C to 70°C
LTC2481I .................................................– 40°C to 85°C
LTC2481H .............................................. –40°C to 125°C
Storage Temperature Range ................. –65°C to 125°C
(Notes 1, 2)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
CA0/f0
CA1
GND
SDA
SCL
REF+
VCC
REF–
IN+
IN–
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2481CDD#PBF
LTC2481CDD#TRPBF
LBPV
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2481IDD#PBF
LTC2481IDD#TRPBF
LBPV
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2481HDD#PBF
LTC2481HDD#TRPBF
LBPV
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS (NORMAL SPEED) The l denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1 ≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
l
16
Bits
Integral Nonlinearity
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
l
2
1
10
ppm of VREF
ppm of VREF
Offset Error
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC (Note 13)
l
0.5
2.5
μV
Offset Error Drift
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC
10
nV/°C
Positive Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF (H-Grade)
l
25
40
ppm of VREF
ppm
Positive Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
0.1
ppm of VREF /°C
Negative Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN– = 0.75VREF, IN+ = 0.25VREF
2.5V ≤ VREF ≤ VCC, IN– = 0.75VREF, IN+ = 0.25VREF (H-Grade)
l
25
40
ppm of VREF
ppm
Negative Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN– = 0.75VREF, IN+ = 0.25VREF
0.1
ppm of VREF/°C
Total Unadjusted Error
5V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
15
15
15
ppm of VREF
ppm of VREF
ppm of VREF
Output Noise
5V ≤ VCC ≤ 5.5V, VREF = 5V, GND ≤ IN– = IN+ ≤ VCC (Note 12)
0.6
μVRMS
Internal PTAT Signal
TA = 27°C
420
mV
Internal PTAT Temperature Coefficient
1.4
mV/°C
Programmable Gain
See Table 2a
l
1
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com