Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2620IGNPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2620IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2620IGNPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2620IGNPBF Datasheet HTML 1Page - Linear Technology LTC2620IGNPBF Datasheet HTML 2Page - Linear Technology LTC2620IGNPBF Datasheet HTML 3Page - Linear Technology LTC2620IGNPBF Datasheet HTML 4Page - Linear Technology LTC2620IGNPBF Datasheet HTML 5Page - Linear Technology LTC2620IGNPBF Datasheet HTML 6Page - Linear Technology LTC2620IGNPBF Datasheet HTML 7Page - Linear Technology LTC2620IGNPBF Datasheet HTML 8Page - Linear Technology LTC2620IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2600/LTC2610/LTC2620
4
2600fe
SYMBOL PARAMETER
CONDITIONS
LTC2600/LTC2610/LTC2620
UNITS
MIN
TYP
MAX
Power Supply
VCC
Positive Supply Voltage
l
2.5
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
All DACs Powered Down (Note 3) VCC = 5V
All DACs Powered Down (Note 3) VCC = 3V
l
l
l
l
2.6
2.0
0.35
0.10
4
3.2
1
1
mA
mA
μA
μA
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.5V to 5.5V
VCC = 2.5V to 3.6V
l
l
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.5V to 5.5V
l
l
0.8
0.6
V
V
VOH
Digital Output High Voltage
Load Current = –100μA
l VCC – 0.4
V
VOL
Digital Output Low Voltage
Load Current = +100μA
l
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
l
±1
μA
CIN
Digital Input Capacitance
(Note 6)
l
8pF
ELECTRICAL CHARACTERISTICS The l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
The
l denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
LTC2620
LTC2610
LTC2600
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
AC Performance
tS
Settling Time (Note 8)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
77
9
7
9
10
μs
μs
Settling Time for 1LSB Step
(Note 9)
±0.024% (±1LSB at 12 Bits)
±0.006% (±1LSB at 14 Bits)
±0.0015% (±1LSB at 16 Bits)
2.7
2.7
4.8
2.7
4.8
5.2
μs
μs
μs
Voltage Output Slew Rate
0.80
0.80
0.80
V/μs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Mid-Scale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
At f = 10kHz
120
100
120
100
120
100
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
μVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com