Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD Datasheet(PDF) 1 Page - Rohm

Part # CPD
Description  Packaging specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CPD Datasheet(HTML) 1 Page - Rohm

  CPD Datasheet HTML 1Page - Rohm CPD Datasheet HTML 2Page - Rohm CPD Datasheet HTML 3Page - Rohm CPD Datasheet HTML 4Page - Rohm CPD Datasheet HTML 5Page - Rohm CPD Datasheet HTML 6Page - Rohm CPD Datasheet HTML 7Page - Rohm CPD Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/7
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.D
Packaging specifications
<surface mounting type>
Taping Code
Taping Code
T2R
T2R
T2R
T2L
TE61
TL
T2R
TE-17
TW11
∗1
T106
TL
TR
TR
TN
TR
∗2
T116
T146
T148
T108
∗3
T110
TR
TR
TR
TR
TR
TR
TE25
TL
TL
−
TE-11
TE61
TE61
GMD2
VMN2
VMD2
VMD3
EMD2
EMD3
EMD4
EMD5
TEMD5
EMD6
UMD2
UMD3
UMD4
UMD5
UMD6
UMD6
SSD3
SMD3
SMD5
SMD6
TSMD5
TSMD6
TUMD2
TUMD5
PMDU
PMDT
PMDS
CPD
LPDS
TO-220
LLDS
HMD8
HMD12
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Embossed tape
Bulk
Embossed tape
Embossed tape
Embossed tape
8,000
8,000
8,000
8,000
3,000
3,000
8,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
1,500
2,500
1,000
500
2,500
3,000
3,000
Cathode at sprocket side
Cathode at sprocket side
Cathode at sprocket side
One terminal at sprocket side
Cathode at sprocket side
One terminal at sprocket side
Cathode at sprocket side
Cathode at sprocket side
One terminal at sprocket side
Cathode at sprocket side (DA227)
Three terminals at sprocket side
Cathode at sprocket side
No feed direction
Cathode at sprocket side
One terminal at sprocket side
One terminal at sprocket side
Three terminals at sprocket side
Anode at sprocket side
No feed direction
Pin1 at sprocket side
Pin1 at sprocket side
Cathode at sprocket side
Pin1 at sprocket side
Cathode at sprocket side
Cathode at sprocket side
Cathode at sprocket side
Fin at sprocket side
Fin at sprocket side
−
Cathode at sprocket side
Cathode at sprocket side
Cathode at sprocket side
Package Package Specification Packaging Style, Direction
Ordering Unit
(pcs/reel)
Notes:
∗1 Regarding the UMD2 package, only 1SS356 is available in TW11.
∗2 Regarding the UMD6 package, only RB731XN is offered in TR.
∗3 Regarding the SMD6 package, only IMN10 and RB731U are available in T108.
Available outside Japan


Similar Part No. - CPD

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
IONIZATION SMOKE DETECTOR
CPD-7051D GAMEWELL-FCI-CPD-7051D Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
logo
Central Semiconductor C...
CPD04 CENTRAL-CPD04 Datasheet
215Kb / 2P
General Purpose Rectifier 500 mA Glass Passivated Rectifier Chip
CPD04-CBRHD-06 CENTRAL-CPD04-CBRHD-06 Datasheet
516Kb / 4P
General Purpose Rectifier Die 0.5 Amp, 600 Volt
CPD04 CENTRAL-CPD04_10 Datasheet
461Kb / 2P
General Purpose Rectifier 500mA Glass Passivated Rectifier Chip
More results

Similar Description - CPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DL126TRS ONSEMI-DL126TRS Datasheet
100Kb / 8P
Tape & Reel and Packaging Specifications for Small-Signal Transistors, FETs and Diodes
November, 2001 ??Rev.2
logo
List of Unclassifed Man...
SOP-8 ETC2-SOP-8 Datasheet
597Kb / 1P
Packaging Outline
logo
RFE international
MR25MAV3-10K-F RFE-MR25MAV3-10K-F Datasheet
145Kb / 1P
PACKAGING SPECIFICATIONS Avisert (AV3) & Panasert (PA) Specifications
logo
Johanson Technology Inc...
L-15WR18JV4E JOHANSON-L-15WR18JV4E Datasheet
191Kb / 2P
Chip and Wirewound Inductor Packaging Information Taping Specifications
L-07C3N3SV6T JOHANSON-L-07C3N3SV6T Datasheet
191Kb / 2P
Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C4N7SV4T JOHANSON-L-14C4N7SV4T Datasheet
191Kb / 2P
Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C39NJV4T JOHANSON-L-14C39NJV4T Datasheet
191Kb / 2P
Chip and Wirewound Inductor Packaging Information Taping Specifications
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
Packaging Information
05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
Packaging Information
logo
Amphenol Corporation
P-UE86-3G8620-X0X61 AMPHENOL-P-UE86-3G8620-X0X61 Datasheet
1,009Kb / 5P
PACKAGING: TRAY PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com