Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP412 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP412 Datasheet HTML 2Page - Power Integrations, Inc. TOP412 Datasheet HTML 3Page - Power Integrations, Inc. TOP412 Datasheet HTML 4Page - Power Integrations, Inc. TOP412 Datasheet HTML 5Page - Power Integrations, Inc. TOP412 Datasheet HTML 6Page - Power Integrations, Inc. TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. TOP412 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TOP412/414
A
4/99
6
Figure 7. Schematic Diagram of a 5 V, 10 W Isolated DC to DC Converter.
PI-2220-120998
D2
MBRD620CT
D3
1N4148
C3
330
µF
10 V
C5
330
µF
6.3 V
T1
D1
MURS120T3
VR1
ZGL41-100
U3
TL431ACD
R3
10k
C2
47
µF
U1
TOP414G
D
S
C
CONTROL
TOPSwitch
R1
15
Ω
L1
3.3
µH
C7
100 nF
U2
PC317A
R2
150
Ω
5 V
2.0 A
RTN
1
2
5
4
6, 7
9, 10
36-72 V
DC Input
C1
10
µF
100 V
C4
330
µF
10 V
C9
2.2
µF
C6
330
µF
6.3 V
R4
10k
C8
100 nF
C
X
100 nF
General Circuit Operation
Figure 7 shows a typical DC-DC converter application using
the TOP414G. This supply delivers 5 V at 2 A and works over
a wide input range from 36-72 VDC.
The power supply
operates at an ambient temperature of 0-50
°C.
In order to achieve the highest possible efficiency and smallest
possible circuit board area, the primary and secondary current
waveform is shaped to have the lowest possible RMS and ripple
current. This is achieved by running very continuous and
utilizing the maximum duty cycle available.
For the example shown, the maximum component height is
12 mm. The EFD-20 transformer core was chosen to match this
maximum component height. The TOP414G has a high current
limit, which means that the EF20 core will saturate during
startup, until regulation is achieved. This is acceptable with the
TOP414G and does not cause device stress (provided the
maximum drain voltage is below 250 V peak and provided a
Zener is used for clamping). A Zener diode clamp circuit (VR1
and D1) is used in order to clamp the leakage inductance spike
to a fixed maximum voltage (an RCD, resistor capacitor diode,
clamp circuit would not be acceptable for this application).
In the example circuit, C1 provides local decoupling of the DC
input. This is required when the DC input source is distant from
this converter. A shottky diode (D2) with low voltage drop
provides secondary rectification and does not require additional
heat sinking (PC-board provides adequate heat sinking when
used with DPAK diode package). Tantalum capacitors (C3,C4)
provide low profile and small outline for secondary capacitance
(electrolytic capacitors can also be used as replacement).
Inductor L1 filters high frequency switching noise forming a
π
filter with the output capacitors (C3-C6). The control loop gain
is set by resistor R2 and the stability is influenced by R1, C3 ,C4,
C5 and C6. Resistors R3 and R4 set the DC regulation point and
shunt regulator U3 along with bypass capacitor C8, provide the
drive for the optocoupler U2. Any remaining switching noise
in the system is filtered by ceramic capacitor C9.
Capacitor C2 and resistor R1 form part of the CONTROL pin
feedback circuit. Capacitor C
X is used solely to decouple high
frequency noise on the control pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com