Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5353 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5353
Description  500mA LDO in 1.6mm 횞 1.6mm Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5353 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5353 Datasheet HTML 1Page - Micrel Semiconductor MIC5353 Datasheet HTML 2Page - Micrel Semiconductor MIC5353 Datasheet HTML 3Page - Micrel Semiconductor MIC5353 Datasheet HTML 4Page - Micrel Semiconductor MIC5353 Datasheet HTML 5Page - Micrel Semiconductor MIC5353 Datasheet HTML 6Page - Micrel Semiconductor MIC5353 Datasheet HTML 7Page - Micrel Semiconductor MIC5353 Datasheet HTML 8Page - Micrel Semiconductor MIC5353 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5353
May 2010
2
M9999-052510
Ordering Information
Part Number
Marking Code
(1)
Output Voltage
(2)
Temperature Range
Package
MIC5353-1.8YMT
18R
1.8V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353-2.5YMT
25R
2.5V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353-2.6YMT
26R
2.6V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353-2.8YMT
28R
2.8V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353-3.0YMT
30R
3.0V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353-3.3YMT
33R
3.3V
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5353YMT
AAR
ADJ
–40°C to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
Notes:
1.
Pin 1 identifier= “▲”.
2.
For other voltage options contact Micrel Marketing.
3.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu, Mold compound is Halogen Free.
Pin Configuration
6-Pin 1.6mm
× 1.6mm Thin MLF® (MT)
Fixed
(TOP VIEW)
6-Pin 1.6mm
× 1.6mm Thin MLF®(MT)
Adjustable
(TOP VIEW)
Pin Description
Pin Number
Thin MLF-6
Fixed
Pin Number
Thin MLF-6
Adjustable
Pin Name
Pin Function
1
1
EN
Enable Input. Active High. High = ON, low = OFF. Do not leave floating.
2
2
GND
Ground.
3
3
VIN
Supply Input.
4
4
VOUT
Output Voltage.
5
–
NC
No connection.
–
5
ADJ
Adjust Input. Connect to external resistor voltage divider network.
6
6
BYP
Reference Bypass: Connect external 0.1
μF to GND for reduced Output Noise. May
be left open.
EPad
EPad
HS PAD
Exposed Heat-sink Pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com