Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28107
Description  Precision Single and Dual Low Noise Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN6631.2
April 8, 2010
FIGURE 17. TCIOS- vs NUMBER OF AMPLIFIERS,
VS =±15V
FIGURE 18. TCIOS- vs NUMBER OF AMPLIFIERS,
VS =±5V
FIGURE 19. CMRR vs TEMPERATURE
FIGURE 20. PSRR vs TEMPERATURE
FIGURE 21. AVOL vs TEMPERATURE
FIGURE 22. VOH vs TEMPERATURE, VS = ±15V,
RL =10kΩ
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise
specified. (Continued)
VS = ±15V
0
5
10
15
20
25
30
35
40
45
50
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
TCIOS (pA/°C)
VS = ±5V
0
5
10
15
20
25
30
35
40
45
50
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
TCIOS (pA/°C)
120
140
160
180
-50
0
50
100
150
TEMPERATURE (°C)
Vcm = ±13V
100
120
140
160
180
-50
0
50
100
150
TEMPERATURE (°C)
VS = ± 2.25V TO ± 20V
3000
13000
23000
33000
43000
53000
63000
-50
0
50
100
150
TEMPERATURE (°C)
VO = ±13V
13.2
13.4
13.6
13.8
14.0
14.2
14.4
-50
0
50
100
150
TEMPERATURE (°C)
Vs = ±15V
RL = 10kΩ
ISL28107, ISL28207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com