Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVTC Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # CVTC
Description  4 Pad Clipped Sinewave VC - TCXO Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

CVTC Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  CVTC Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CVTC Series (5X3.2X1.7mm)
4 Pad Clipped Sinewave VC - TCXO Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 2004-B
Frequency Range
12.800MHz, 13.000MHz, 14.400MHz,
16.800MHz, 19.440MHz
Frequency Stability
All values inclusive of temperature, aging, and load
See Table 1 Below.
Operating Temperature Range
See Table 1 Below.
Storage Temperature Range
-40°C to 85°C
Supply Voltage
+3.3Vdc ±5% or +5.0Vdc ±5%
Load Drive / (Change Capability)
10kOhms ±10% // 10pF ±10% (±0.2ppm)
Output Voltage
0.8Vp-p Minimum
Frequency Control Range (Change)
+1.5Vdc ±1V Positive Transfer Characteristics
(±9 to ±15)
Frequency Deviation
±5ppm Minimum Over Control Voltage
Aging (@ 25°C)
±1ppm / year Maximum
1.5mA Maximum
Input Current
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
1.5ppm
2.0ppm
2.5ppm
3.0ppm
3.5ppm
5.0ppm
Code
15
20
25
30
35
50
-20 to 75°C
A
*
*
*
*
*
*
-30 to 75°C
B
*
*
*
*
-30 to 80°C
C
*
*
*
*
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
Supply Voltage
3=3.3Vdc / 5=5.0Vdc
Frequency Stability
Table 1
Operating Temp. Range
Table 1
CVTC 3 25 B 5 - 12.800M
Frequency
M=MHz
Frequency Deviation
Blank=No Connection (TCXO)
5=±5ppm Min. / 10=±10ppm Min.
5.0
± 0.20
3.20
± 0.20
1.7
Max
1.67
±0.10
3.28
±0.10
.08
±0.10
(X4 plcs.)
1
2
3
4
Ceramic
Metal
.07 ±0.10
(X4 plcs.)
All Dimensions in mm.
2.20
±0.15
PIN Connections
Pin 1 / V Control
Pin 2 / GND
Pin 3 / OUTPUT
Pin 4 / Vcc
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - CVTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC315A10 ETC2-CVTC315A10 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
CVTC315A5 ETC2-CVTC315A5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
CVTC315B10 ETC2-CVTC315B10 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
CVTC315B5 ETC2-CVTC315B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
CVTC315C10 ETC2-CVTC315C10 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
More results

Similar Description - CVTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Suntsu Electronics, Inc...
SST75K SUNTSU-SST75K Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
STC21K SUNTSU-STC21K Datasheet
440Kb / 3P
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
STC22K SUNTSU-STC22K Datasheet
600Kb / 3P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com