Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC32F1 Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # AC32F1
Description  HC-49/U Microprocessor Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

AC32F1 Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  AC32F1 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Series
HC-49/U Microprocessor Crystal
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
A A 32 C 3 - 30.000MHz - I - AT
Package
A=HC49/U
Tolerance/Stability
Configuration Options
A=±50/100
N=±10/10ppm
I=Insulator Tab, TR=Tape and Reel (ammo for thru-hole), L=Third Lead
B=±30/50
L3=Third Lead/Base Mount, V=Vinyl Sleeve, AT=Cut of Quartz
C=±15/30
SP=Spring Mount, G-Gull Wing, G1=Gull Wing/Metal Jacket
D=±15/50
Mode of Operation
E=±25/30
1=Fundamental (over 25.000MHz AT and BT Cut Available)
F=±25/50
3=Third Overtone, 5=Fifth Overtone
G=±10/30
Operating Temperature Range
H=±20/20
C=0°C to 70°C / E=-20°C to 70°C
J=± 5/10
G=-20°C to 85°C / F=-40°C to 85°C
K=±20/20
L=±10/25
Load Capacitance
M=±15/15
S=Series, XX=XXpF (Pico Farads)
MECHANICAL DIMENSIONS
Marking Guide
11.18
MAX
4.88 ±0.20
13.58
MAX
4.70 MAX
12.70
MIN
0.457
±0.051 DIA
All Dimensions in mm.
Frequency Range
1.000MHz to 200.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F, G, H, J, K, L, M
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
10pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
2mWatts Maximum, 100uWatts Correlation
ELECTRICAL SPECIFICATIONS
Revision: 1994-D
Aging
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
Solder Temp (Max.) / Plating / Moisture Sensitivity
260°C maximum / Sn-Ag-Cu / None
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
1.000
2000
3.579545
180
6.000 to 6.400
50
1.8432
650
3.6864
150
7.15909 to 7.3728
40
2.000
550
3.93216 to 4.000
120
8.0640 to 9.8304
35
2.4576
350
4.096
100
10.000 to 12.28890
30
3.000
250
4.194304 to 4.9152
80
12.960 to 30.000 (Fund)
25
3.2768
200
5.000 to 5.068
65
24.000 to 50.000 (3rd OT)
40
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Caliber
Line 2:
Part Number
Line 3:
Frequency
Line 4:
Date Code


Similar Part No. - AC32F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC32F1 ETC2-AC32F1 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
More results

Similar Description - AC32F1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC-49U-S KSS-HC-49U-S Datasheet
130Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
HC49S KSS-HC49S Datasheet
138Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
List of Unclassifed Man...
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
AA32C3 ETC2-AA32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
CQA32C3 ETC2-CQA32C3 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
Advanced XTAL Products
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U
2005-01-15
logo
Pletronics, Inc.
MP49 PLETRONICS-MP49 Datasheet
90Kb / 6P
HC-49/U Crystal
logo
MMD Components
ASAA1 MMD-ASAA1 Datasheet
50Kb / 1P
HC-49/U Thru-Hole Crystal
logo
Caliber Electronics Inc...
CQA32C1 CALIBER-CQA32C1 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
Raltron Electronics Cor...
AS-SMD RALTRON-AS-SMD Datasheet
193Kb / 2P
MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com