Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BWD Datasheet(PDF) 2 Page - Power-One

Part # BWD
Description  DUAL OUTPUT, 2.5 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BWD Datasheet(HTML) 2 Page - Power-One

  BWD Datasheet HTML 1Page - Power-One BWD Datasheet HTML 2Page - Power-One BWD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
5
5
12
12
12
24
24
24
48
48
48
4.5 - 9.0
4.5 - 9.0
9.0 - 18.0
9.0 - 18.0
9.0 - 18.0
18.0 - 36.0
18.0 - 36.0
18.0 - 36.0
36.0 - 72.0
36.0 - 72.0
36.0 - 72.0
0.92
0.93
0.42
0.46
0.46
0.20
0.23
0.23
0.10
0.11
0.11
±12
±15
±5
±12
±15
±5
±12
±15
±5
±12
±15
±.0.125
±.0.100
±0.250
±0.125
±0.100
±0.250
±0.125
±0.100
±0.250
±0.125
±0.100
150
150
150
150
150
150
150
150
150
150
150
79%
7
3%
73%
79%
79%
75%
79%
78%
76%
79%
79%
BWD512
BWD0515
BWD1205
BWD1212
BWD1215
BWD2405
BWD2412
BWD2415
BWD4805
BWD4812
BWD4815
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
Thermal Impedance
Natural Convection
2.5 °C/W
100 LFM
2.1 °C/W
200 LFM
1.7 °C/W
300 LFM
1.3 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
BWD SERIES - DUAL OUTPUT, 2.5 WATT
MECHANICAL DRAWING
Inches:
(Millimeters)
.XX ± 0.040
.X ± 1.0
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Tolerances as listed unless otherwise specified.)
Pin
Function
1 & 24
No Pin
2 & 23
- V
in / +Vin
3 & 22
- V
in / +Vin
4 & 21
No Pin
5 & 20
No Pin
6 & 19
No Pin
7 & 18
No Pin
8 & 17
No Pin
9 & 16
Common
10 & 15
No Conn.
11 & 14
-V
out / + Vout
12 & 13
No Pin
MODELS - (See the last page of this file for options.)
3
2
9
11
10
22
23
0.800"(20.3mm)
0.900"(22.9mm)
16
14
15
0.100"(2.5mm)
0.200"(5.1mm)
0.175"( 4.5mm)
BOTTOM VIEW
1.25"
(31.8mm)
0.80"
(20.3mm)
(13.2mm)
0.52"
DIA 0.020"
(0.5mm)
0.18"(4.6mm)
0
0
0.10"
( 2.5mm)
0.600"
(15.2mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com