Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 12Page - Texas Instruments TUSB9260 Datasheet HTML 13Page - Texas Instruments TUSB9260 Datasheet HTML 14Page - Texas Instruments TUSB9260 Datasheet HTML 15Page - Texas Instruments TUSB9260 Datasheet HTML 16Page - Texas Instruments TUSB9260 Datasheet HTML 17Page - Texas Instruments TUSB9260 Datasheet HTML 18Page - Texas Instruments TUSB9260 Datasheet HTML 19Page - Texas Instruments TUSB9260 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TUSB9260
SLLS962A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
6
CLOCK CONNECTIONS
6.1
Clock Source Requirements
The TUSB9260 supports an external oscillator source or a crystal unit. If a clock is provided to XI instead
of a crystal, XO is left open and VSSOSC should be connected to the PCB ground plane. Otherwise, if a
crystal is used, the connection needs to follow the guidelines below.
Since XI and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short
as possible and away from any switching leads. It is also recommended to minimize the capacitance
be-tween XI and XO. This can be accomplished by connecting the VSSOSC lead to the two external
capaci-tors CL1 and CL2 and shielding them with the clean ground lines. The VSSOSC should not be
connected to PCB ground when using a crystal.
Load capacitance (Cload) of the crystal varying with the crystal vendors is the total capacitance value of the
entire oscillation circuit system as seen from the crystal. It includes two external capacitors CL1 and CL2
in Figure 6-1. The trace length between the decoupling capacitors and the corresponding power pins on
the TUSB9260 needs to be minimized. It is also recommended that the trace length from the capacitor
pad to the power or ground plane be minimized.
Figure 6-1. Typical Crystal Connections
6.2
Clock Source Selection Guide
Reference clock jitter is an important parameter. Jitter on the reference clock will degrade both the
trans-mit eye and receiver jitter tolerance no matter how clean the rest of the PLL is, thereby impairing
system performance. Additionally, a particularly jittery reference clock may interfere with PLL lock
detection mechanism, forcing the Lock Detector to issue an Unlock signal. A good quality, low jitter
reference clock is required to achieve compliance with supported USB3.0 standards. For example,
USB3.0 specification requires the random jitter (RJ) component of either RX or TX to be 2.42 ps (random
phase jitter calculated after applying jitter transfer function - JTF). As the PLL typically has a number of
additional jitter compo-nents, the Reference Clock jitter must be considerably below the overall jitter
budget.
16
CLOCK CONNECTIONS
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com