Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260PAP Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB9260PAP
Description  USB 3.0 TO SATA BRIDGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260PAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB9260PAP Datasheet HTML 2Page - Texas Instruments TUSB9260PAP Datasheet HTML 3Page - Texas Instruments TUSB9260PAP Datasheet HTML 4Page - Texas Instruments TUSB9260PAP Datasheet HTML 5Page - Texas Instruments TUSB9260PAP Datasheet HTML 6Page - Texas Instruments TUSB9260PAP Datasheet HTML 7Page - Texas Instruments TUSB9260PAP Datasheet HTML 8Page - Texas Instruments TUSB9260PAP Datasheet HTML 9Page - Texas Instruments TUSB9260PAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TUSB9260
SLLS962A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
2
MAIN FEATURES
2.1
TUSB9260 Features
• Universal Serial Bus (USB)
– SuperSpeed USB 3.0 Compliant - TID 340000007
•
Integrated Transceiver Supports SS/HS/FS Signaling
– Best in Class Adaptive Equalizer
•
Allows for Greater Jitter Tolerance in the Receiver
– USB Class Support
•
USB Attached SCSI Protocol (UASP)
•
USB Mass Storage Class Bulk-Only Transport (BOT)
•
Support for Error Conditions Per the 13 Cases (Defined in the BOT Specification)
•
USB Bootability Support
•
USB Human Interface Device (HID)
– Supports Firmware Update Via USB, Using a TI Provided Application
• SATA Interface
– Serial ATA Specification Revision 2.6
•
gen1i, gen1m, gen2i, and gen2m
– Support for Mass-Storage Devices Compatible With the ATA/ATAPI-8 Specification
• Integrated ARM Cortex M3 Core
– Customizable Application Code Loaded From EEPROM Via SPI Interface
– Two Additional SPI Port Chip Selects for Peripheral Connection
– Up to 12 GPIOs for End-User Configuration
•
2 GPIOs Have PWM Functionality for LED Blink Speed Control
– Serial Communications Interface for Debug (UART)
• General Features
– Integrated Spread Spectrum Clock Generation Enables Operation from a Single Low Cost Crystal or
Clock Oscillator
•
Supports 20, 25, 30, or 40 MHz
– A JTAG Interface is Used for IEEE1149.1 and IEEE1149.6 Boundary Scan
– Available in a Fully RoHS Compliant Package
2.2
Target Applications
• External HDD/SSD
• External DVD
• External CD
• HDD-Based Portable Media Player
6
MAIN FEATURES
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com