Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB32F3 Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # DB32F3
Description  4 Pin Plastic SMD Microprocessor Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

DB32F3 Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  DB32F3 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL DIMENSIONS
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
1.60
±0.127
(X2)
3.00
±0.127
(X2)
5.08
MAX
5.08
MAX
1.20
±0.50
(X4)
9.40
±0.127
1
4
2
3
13.20
MAX
2.000
±0.127
(X4)
5.08
MAX
4.30
MAX
1.20
±0.50
(X4)
9.40
±0.127
1
4
2
3
12.80
MAX
“D” Series
EQUIVALENT SERIES RESISTANCE (ESR)
MARKING GUIDE
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
3.579545 to 3.999
200
10.000 to 12.999
60
4.000 to 4.999
150
13.000 to 19.999
35
5.000 to 6.999
120
20.000 to 30.000
25
7.000 to 8.999
80
30.000 to 70.000
100
“DT” Series
All Dimensions in mm.
DT Series are marked “Frequency/Date Code”.
D Series are marked “Frequency/Date Code”.
All Dimensions in mm.
Frequency Range
3.579545MHz to 70.000MHz
Frequency Tolerance/Stability
A, B, C, D
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C (D Series Only), -40°C to 85°C (D Series Only)
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
1mW Maximum, 100uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 1994-B
Aging @ 25°C
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
DT A 32 C 1 - 30.000MHz
Package
DT=4 Pad Plastic SMD
Mode of Operation
D=4 Pad Plastic SMD (MG3A Equivalent)
1=Fundamental
Tolerance/Stability
3=Third Overtone
A=±50/100
Operating Temperature Range
B=±50/50
C=0°C to 70°C
C=±30/50
E=-20°C to 70°C
D=±30/30
F=-40°C to 85°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
D, DT Series
4 Pin Plastic SMD Microprocessor Crystals
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Caliber
Line 2:
Part Number
Line 3:
Frequency
Line 4:
Date Code


Similar Part No. - DB32F3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB32F3 ETC2-DB32F3 Datasheet
45Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
More results

Similar Description - DB32F3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
Microprocessor Crystals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
VXA7 Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
Microprocessor Crystals
VXB2 VECTRON-VXB2 Datasheet
68Kb / 2P
VXB2 Microprocessor Crystals
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
logo
List of Unclassifed Man...
CA32C3 ETC2-CA32C3 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
DTA32C1 ETC2-DTA32C1 Datasheet
45Kb / 1P
4 Pin Plastic SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Vectron International, ...
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
Microprocessor Crystals
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
Microprocessor Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com