Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAP Datasheet(PDF) 1 Page - Rohm

Part # LAP
Description  Solder Profile and Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LAP Datasheet(HTML) 1 Page - Rohm

  LAP Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solder Profile and Pattern
1) Dip Types (LA, LB ,LAP,LBP series)
Please keep the preheat and peak temperatures with dip units as low as possible and the times as short as
is feasible, since the products are susceptible to heat during flow soldering. As a guide, ensure that the
internal temperature of the LED numeric display does not exceed 100
°C.
2) Surface Mount Type (LF-301 series)
Please refer to the following reflow soldering profile and pattern examples for surface mount units.
φ1.5
land shape
+0.1
0
φ0.8
hole shape
LA-301 series
Solder Pattern Example
+0.1
0
φ2.0
land shape
+0.1
0
φ1.0
hole shape
Other series
+0.1
0
300
250
200
150
100
50
0
60
80
100
120
140
40
Time (s)
Soldering Example
Conditions
General
flow conditions
3s or less
260
°C or less
20
0
A single wave is better than a double wave, while
stationary flow method is the best.
After soldering, immediately lower
the temperature of the substrate
10-0.6
P=1.27
Solder Pattern Example
250
200
150
100
50
0
200
250
300
150
Time (s)
Type
LF-301A/K series
A (Heat Slope 1)
4
°C/s max
B (Preheat)
140 to 160
°C
(1 min. or less)
C (Heat Slope 2)
4
°C/s max.
D (Peak temperature, peak time)
250
°C max,5s max.
E (200
°C + range)
50s max.
100
0
50
Reflow Soldering Example
B: Preheat
D: Peak Temperature
E: 200
°C
+ range
A: Heat Slope 1
C: Heat Slope 2
Preheat 30s
or less
LF-301 A/K series
∗Please use a resin-based flux,since flux that is acidic or highly alkaline could cause corrosion.
Item
Conditions
Solder Temperature
Process Duration
Solder dip
Solder iron
Reflow
Reflow cannot be used. (other than the LF-301 series)
At least 2mm from the base of the lead pin.
Preheat temperature must
be no greater than 80
°C.
No more than 260
°C.
30 seconds or less
3 seconds or less
At least 2mm from the base of the lead pin.
Power: No more than 30W.
No more than 300
°C.
3 seconds or less


Similar Part No. - LAP

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-301BL ROHM-LAP-301BL Datasheet
178Kb / 4P
Single Digit High Brightness LED Numeric Display
LAP-301BL ROHM-LAP-301BL_17 Datasheet
364Kb / 5P
Single Digit High Brightness LED Numeric Display
LAP-301DB ROHM-LAP-301DB Datasheet
178Kb / 4P
Single Digit High Brightness LED Numeric Display
LAP-301DB ROHM-LAP-301DB Datasheet
364Kb / 5P
Single Digit High Brightness LED Numeric Display
LAP-301DL ROHM-LAP-301DL Datasheet
178Kb / 4P
Single Digit High Brightness LED Numeric Display
More results

Similar Description - LAP

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
logo
Mill-Max Mfg. Corp.
315-13-137-41-001000 MILL-MAX-315-13-137-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-139-41-001000 MILL-MAX-315-13-139-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-140-41-001000 MILL-MAX-315-13-140-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-141-41-001000 MILL-MAX-315-13-141-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-142-41-001000 MILL-MAX-315-13-142-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
315-13-138-41-001000 MILL-MAX-315-13-138-41-001000 Datasheet
122Kb / 3P
Low Profile Solder Tail Socket Low Profile Solder Tail Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com