Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD250 Datasheet(PDF) 2 Page - Power-One

Part # CPD250
Description  250 WATT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CPD250 Datasheet(HTML) 2 Page - Power-One

  CPD250 Datasheet HTML 1Page - Power-One CPD250 Datasheet HTML 2Page - Power-One CPD250 Datasheet HTML 3Page - Power-One CPD250 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 48 VDC Input.
80
%
Minimum Load; V1, V2, V3
Minimum load required to maintain regulation with no load on V4.
None
A
Minimum Load, V3
Minimum load on V3 required to maintain regulation on V4.
50% OF V4 Load
A
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Chart
Output Power
250 LFM forced-air cooling.
200
W
Output Power
400 LFM forced-air cooling.
250
W
Overshoot /Undershoot
Output voltage overshoot/undershoot at turn-on.
0
%
Regulation
Varies by output. Total regulation includes: line changes over the specified
See Model Selection Chart
input range, changes in load starting at 50% load and changing to 100% load.
Turn-on Delay
Time required for initial output voltage stabilization.
150
ms
Initial Setting Accuracy
±1%
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Latch style overvoltage protection.
120
130
%Vnom
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition.
Overtemperature Protection
System shutdown due to excessive internal temperature, automatic reset.
Power Fail (FAL#)
TTL compatible signal, open collector active low signal. Indicates any output below
90% and/or a low input <36VDC.
Current Share
Accuracy of shared current with up to 6 parallel units. Single wire current share on V1, V2, and V3.
10
%
Remote Sense
Available on V1, V2, and V3. Total voltage compensation for cable losses with
150
mV
respect to the main output.
Inhibit (INH#)
TTL-compatible signal inhibited with GND or TTL "0".
Enable (EN#)
Contact closure to external ground to start unit. On shortest pin (last make, first break).
Overtemperature Warning (DEG#) Provides warning when power supply temperature exceeds rating. TTL-compatible open.
Front Panel LED Status Indicators
Input OK (Green), Output Failure (Red).
SAFETY, REGULATORY, AND EMI SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL1950.
cUL1950.
Approved
EN60950 (TÜV).
Dielectric Withstand Voltage
Input to Output per EN60950.
4243
VDC
Electromagnetic Interference
EN55022 / CISPR 22 -
Conducted.
A
Radiated.
A
Class
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst
Per EN61000-4-4, level 3.
±2
kV
Input Surge
Per EN61000-4-5, level 3.
Line to Line
1
kV
Line to Ground
2
Conducted Disturbance
Per EN61000-4-6, level 2.
3V
Insulation Resistance
Input to Output.
10
M
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
With 400 LFM forced-air cooling
At 100% load:
0
50
°C
Derate linearly above 50°C by 2.5% per °C.
At 50% load:
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Peak acceleration.
20
GPK
Vibration
Random vibration, 10 Hz to 2 kHz, 3 axis.
6
GRMS
CPD SERIES - 250 WATT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com