Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP242
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP242 Datasheet HTML 1Page - Power Integrations, Inc. TOP242 Datasheet HTML 2Page - Power Integrations, Inc. TOP242 Datasheet HTML 3Page - Power Integrations, Inc. TOP242 Datasheet HTML 4Page - Power Integrations, Inc. TOP242 Datasheet HTML 5Page - Power Integrations, Inc. TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TOP242-249
3
August 8, 2000
E
7/01
Figure 2a. Functional Block Diagram (Y or R Package).
PI-2641-061200
PI-2639-060600
Figure 2b. Functional Block Diagram (P or G Package).
PI-2631-061200
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
S
R
Q
DMAX
STOP SOFT-
START
-
+
CONTROL (C)
MULTI-
FUNCTION (M)
-
+
5.8 V
IFB
RE
ZC
VC
+
-
LEADING
EDGE
BLANKING
÷ 8
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
SOFT
START
DCMAX
VBG
DCMAX
VBG + VT
0
OV/UV
VI (LIMIT)
CURRENT
LIMIT
ADJUST
LINE
SENSE
SOFT START
LIGHT LOAD
FREQUENCY
REDUCTION
STOP LOGIC
OSCILLATOR WITH JITTER
PI-2639-060600
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
HALF
FREQ.
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
S
R
Q
DMAX
STOP SOFT-
START
-
+
CONTROL (C)
LINE-SENSE (L)
EXTERNAL
CURRENT LIMIT (X)
FREQUENCY (F)
-
+
5.8 V
1 V
IFB
RE
ZC
VC
+
-
LEADING
EDGE
BLANKING
÷ 8
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
SOFT
START
DCMAX
VBG
DCMAX
VBG + VT
0
OV/UV
VI (LIMIT)
CURRENT
LIMIT
ADJUST
LINE
SENSE
SOFT START
LIGHT LOAD
FREQUENCY
REDUCTION
STOP LOGIC
OSCILLATOR WITH JITTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com