Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1626000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1626000000
Description  SL 5.00/3/90 4.5SN SW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1626000000 Datasheet(HTML) 3 Page - Weidmuller

  1626000000 Datasheet HTML 1Page - Weidmuller 1626000000 Datasheet HTML 2Page - Weidmuller 1626000000 Datasheet HTML 3Page - Weidmuller 1626000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | Plug
connectors, solder connection, pitch 5.00/5.08 | SL 5.00-5.08/90 | SL 5.00/90
- 3 -
Downloads
CAD Library (P-CAD Format - Standard)
SL.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1571130000
SL 5.00/2/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 2, 90°, Box
1571140000
SL 5.00/3/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 3, 90°, Box
1571150000
SL 5.00/4/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 4, 90°, Box
1571160000
SL 5.00/5/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 5, 90°, Box
1571170000
SL 5.00/6/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 6, 90°, Box
1571180000
SL 5.00/7/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 7, 90°, Box
1571190000
SL 5.00/8/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 8, 90°, Box
1571210000
SL 5.00/10/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 10, 90°, Box
1571220000
SL 5.00/11/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 11, 90°, Box
1571110000
SL 5.00/12/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 12, 90°, Box
1571230000
SL 5.00/13/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 13, 90°, Box
1571240000
SL 5.00/14/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 14, 90°, Box
1571250000
SL 5.00/15/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 15, 90°, Box
1571260000
SL 5.00/16/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 16, 90°, Box
1571270000
SL 5.00/17/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 17, 90°, Box
1571280000
SL 5.00/18/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 18, 90°, Box
1571200000
SL 5.00/9/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 9, 90°, Box
1571300000
SL 5.00/20/90 3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 5.00 mm, No. of poles: 20, 90°, Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com