Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OAC Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # OAC
Description  HCMOS/TTL Low Power Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

OAC Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  OAC Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OAC, OBC Series
HCMOS/TTL Low Power Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 1997-A
Frequency Range
3.579545MHz to 14.31818MHz
Operating Temperature Range
0°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±10%, 3.3Vdc ±10%
Input Current
3.579545MHz to 5.000MHz
5.001MHz to 9.000MHz
9.001MHz to 14.31818MHz
1mA Maximum
1.5mA Maximum
2.0mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm,
±15ppm or ±10ppm (20, 15, 10 = 0°C to 70°C Only)
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise Time / Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80%
15nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
15pF CMOS Load Maximum
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
+2.2Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±100pSeconds Maximum
One Sigma Clock Jitter
±25pSeconds Maximum
Load Drive Capability
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OAC 100 48 A T - 14.000MHz
Package
OAC
= 14 Pin Dip / 5.0Vdc / HCMOS-TTL
OBC
= 8 Pin Dip / 5.0Vdc / HCMOS-TTL
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm25= +/-25ppm,
20= +/-20ppm, 15= +/-15ppm, 10= ±10ppm
Pin One Connection
Blank = No Connect, T = Tri State Enable High
Output Symmetry
Blank = 40/60%, A = 45/55%
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
No Connect or Tri-State
Pin 8:
Output
Pin 1:
No Connect or Tri-State
Pin 5:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
Pin 4:
Case Ground
Pin 8:
Supply Voltage
13.2
MAX
7.620
±0.203
0.457
±01
(X4)
5.6
MAX
0.8 ±0.1
(X3)
Insulated Standoffs
13.2
MAX
7.620
±0.203
5.08
MIN
8
1
5
4
All Dimensions in mm.
8 Pin Half Size
20.8
MAX
13.2
MAX
15.240
±0.203
7.620
±.203
0.457
±0.1 (X4)
5.08
MAX
0.9
MAX
Insulated Standoffs
(Glass)
5.08
MIN
1
7
8
14
All Dimensions in mm.
14 Pin Full Size
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - OAC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OAC-15 MACOM-OAC-15 Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
OAC-15A MACOM-OAC-15A Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
OAC-15E MACOM-OAC-15E Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
OAC-15F MACOM-OAC-15F Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
OAC-15H MACOM-OAC-15H Datasheet
77Kb / 4P
IAC/OAC IDC/ODC Input/Output Modules
More results

Similar Description - OAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
CTS Corporation
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
HCMOS/TTL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
OCH ETC2-OCH Datasheet
31Kb / 1P
5X7X1.6mm / SMD / HCMOS/TTL Oscillator
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
OAC100 ETC2-OAC100 Datasheet
100Kb / 1P
HCMOS/TTL Low Power Oscillator
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
HCMOS/TTL Oscillator
logo
CTS Corporation
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
HCMOS/TTL Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com