Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OEH Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # OEH
Description  Plastic Surface Mount / HCMOS/TTL Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

OEH Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  OEH Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
OEH, OEH3 Series
Plastic Surface Mount / HCMOS/TTL Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 1995-B
Frequency Range
250kHz to 106.250MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±10%, 3.3Vdc ±10%
Input Current
250.000kHz to 24.000MHz
24.001MHz to 50.000MHz
50.001MHz to 66.667MHz
66.668MHz to 106.250MHz
30mA Maximum
45mA Maximum
60mA Maximum
80mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm,
±15ppm or ±10ppm (20, 15, 10 = 0°C to 70°C Only)
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise Time
Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load </=66.667MHz.
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load >66.667MHz.
5nSeconds Maximum
3nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
@50% of Waveform w/LSTTL or HCMOS Load
>66.667MHz
50 ±10% (Standard)
50±5% (Optional)
50±5% (Optional)
Load Drive Capability
250.000kHz to 24.000MHz
24.001MHz to 66.667MHz
66.668MHz to 150.000MHz
10TTL or 50pF HCMOS Load
10TTL or 15pF HCMOS Load
10LSTTL or 15pF HCMOS Load
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
+2.2Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±100pSeconds Maximum
±25pSeconds Maximum
One Sigma Clock Jitter
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OEH 100 48 A T - 30.000MHz
Package
OEH
= 14 Pin Dip / 5.0Vdc / HCMOS-TTL
OEH3 = 14 Pin Dip / 3.3Vdc / HCMOS-TTL
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm, 25= +/-25ppm,
20= +/-20ppm, 15= +/-15ppm, 10= ±10ppm
Pin One Connection
Blank = No Connect, T = Tri State Enable High
Output Symmetry
Blank = 40/60%, A = 45/55%
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
MECHANICAL DIMENSIONS
Marking Guide
Pin 1:
No Connect or Tri-State
Pin 8:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
14.0
MAX
1
7
8
14
9.8 MAX
0.25 MIN
4.7 MAX
0.51
±0.203
7.620
±0.203
5.08 ±0.20
CAL I BER
Electr on ics In c.
Line 1: Blank or 3 - Frequency
Line 2: CEI YM
Blank
= 5.0V
3
= 3.3V
CEI
= Caliber Electronics Inc.
YM
= Date Code (Year / Month)


Similar Part No. - OEH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OEH10 ETC2-OEH10 Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OEH100 ETC2-OEH100 Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OEH10027 ETC2-OEH10027 Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OEH10027A ETC2-OEH10027A Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OEH10027AT ETC2-OEH10027AT Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
More results

Similar Description - OEH

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M313FAN MTRONPTI-M313FAN Datasheet
303Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
MM13FAN MTRONPTI-MM13FAN Datasheet
308Kb / 2P
5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
logo
Fox Electronics
FSOLF FOX-FSOLF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
logo
List of Unclassifed Man...
OEH3 ETC2-OEH3 Datasheet
35Kb / 1P
Plastic Surface Mount / HCMOS/TTL Oscillator
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
HCMOS/TTL Oscillator
logo
Fox Electronics
KFO FOX-KFO Datasheet
249Kb / 1P
5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
logo
Abracon Corporation
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Caliber Electronics Inc...
OAH CALIBER-OAH Datasheet
80Kb / 1P
HCMOS/TTL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com