Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2001-7R Datasheet(PDF) 4 Page - Power-One

Part # BQ2001-7R
Description  60...132 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BQ2001-7R Datasheet(HTML) 4 Page - Power-One

  BQ2001-7R Datasheet HTML 1Page - Power-One BQ2001-7R Datasheet HTML 2Page - Power-One BQ2001-7R Datasheet HTML 3Page - Power-One BQ2001-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
Cassette Style
Q Series
104 (4.09")
60 (2.36")
111 (4.37")
Potentiometer (option P)
LED "OUT OK"
M3; 4 deep
Measuring point of
case temperature
T
C
Pin allocation
Pin
Electrical determination
Q 1000
Q 2000
4
Output voltage (positive)
Vo1+
Vo1+
6
Output voltage (positive)
Vo1+
Vo2+
8
Output voltage (negative)
Vo1–
Vo1–
10
Output voltage (negative)
Vo1–
Vo2–
12
Sense line (positive)
S+
S+
14
Sense line (negative)
S–
S–
16
Output voltage control input
R
R
18
Current sharing control input
T
T
20
Do not connect (internal Gnd.)
-
-
22
Output good signal (positive)
Out OK+
Out OK +
24
Output good signal (negative)
Out OK–
Out OK –
26
Protective earth
28
Inhibit control input
i
i
30
Input voltage (positive)
Vi+
Vi +
32
Input voltage (negative)
Vi–
Vi –



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com