Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2001-7R Datasheet(PDF) 2 Page - Power-One

Part # DP2001-7R
Description  120...195 Watt DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DP2001-7R Datasheet(HTML) 2 Page - Power-One

  DP2001-7R Datasheet HTML 1Page - Power-One DP2001-7R Datasheet HTML 2Page - Power-One DP2001-7R Datasheet HTML 3Page - Power-One DP2001-7R Datasheet HTML 4Page - Power-One DP2001-7R Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.power-one.com
Edition 6/10.2001
Cassette Style
P Series
Input
Input voltage
refer to selection chart
Output
Nominal output current
Io1,2,3,4 nom
Po nom/Number of outputs/Uo1,2,3,4 nom
Maximal output current
Io1,2,3,4 max
Po max/Number of outputs/Uo1,2,3,4 nom
Efficiency
Ui nom, Io nom
up to 92 %
Voltage setting accuracy 1, 2
Ui nom, Io nom
±0.6% U
o1,2 nom
Voltage setting accuracy 3, 4
Ui nom, Io nom
±1.5% U
o3,4 nom
Worst case output voltage 1, 2
Ui min...Ui max, 0...Io1,2 max, TC min...TC max
±1.6% U
o nom
Minimum output current 1, 4
in parallel configuration not required
0 A
in individual or series configuration
5%
Io1,4 nom
Minimum output current 2, 3
in parallel configuration not required
0 A
in individual or series configuration
5%
Io2,3 nom
Load regulation output 4
Io1,4 min...Io1,4 max
typ. 100 m
Ω • (I
o1...Io4)
Load regulation output 3
Io2,3 min...Io2,3 max
typ. 100 m
Ω • (I
o2...Io3)
Output voltage switching noise
IEC/EN 61204, total, peak-peak
typ. 0.4%
Uo nom
Common power limitation
(
Po1 + Po4) rectangular U/I characteristic
typ. 130%
Po max/2
(
Po2 + Po3) rectangular U/I characteristic
typ. 130%
Po max/2
Protection
Input reverse polarity
built-in fuse
Input undervoltage lockout
typ. 90 %
Ui min
Input overvoltage lockout
typ. 110 %
Ui max
Input transient protection
varistor
Output
no-load, overload and short-circuit proof
Output overvoltage
varistor
typ. 125%
Uo nom
Overtemperature
switch-off with auto restart
TC typ. 100
°C
Output 1
Output 2
Output 3
Output 4
Type
Uo nom Po nom Po max
Uo nom Po nom Po max
Uo nom Po nom Po max
Uo nom Po nom Po max
Input voltage
[V DC]
[W]
[W]
[V DC]
[W]
[W]
[V DC]
[W]
[W]
[V DC]
[W]
[W]
21.6...50.4 V DC
3.3
100
132
-
-
-
-
-
-
-
-
-
GP 1101-7R
5.1
122
183
-
-
-
-
-
-
-
-
-
GP 1001-7R
3.3
50
66
5.1
61
91
-
-
-
-
-
-
GP 2101-7R
5.1
61
91
5.1
61
91
-
-
-
-
-
-
GP 2001-7R
12
60
96
12
60
96
-
-
-
-
-
-
GP 2320-7R
15
60
97.5
15
60
97.5
-
-
-
-
-
-
GP 2540-7R
24
60
96
24
60
96
-
-
-
-
-
-
GP 2660-7R
5.1
61
91
12
30
48
12
30
48
-
-
-
GP 3020-7R
5.1
61
91
15
30
48
15
30
48
-
-
-
GP 3040-7R
24
30
48
24
30
48
24
30
48
24
30
48
GP 4660-7R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com