Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSSL-0804 Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # PSSL-0804
Description  SMD Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

PSSL-0804 Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  PSSL-0804 Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(700 pcs per reel)
Tolerance
M=20%
PSSL - 0804 - 1R0 M - T
SMD Power Inductor
(PSSL-0804 Series)
Features
Inductance Range
1.0 µH to 1000 µH
Tolerance
20%
Temperature
-40°C to 85°C
Dimensions in mm
Electrical Specifications
Inductance
Code
Inductance
(µH)
Test
Freq
DCR Max
(Ohms)
Isat*
(A)
1R0
1.0
100 kHz, 0.1 Vrms
0.008
9.0
1R5
1.5
100 kHz, 0.1 Vrms
0.009
8.0
2R2
2.2
100 kHz, 0.1 Vrms
0.010
7.0
3R3
3.3
100 kHz, 0.1 Vrms
0.013
6.4
4R7
4.7
100 kHz, 0.1 Vrms
0.016
5.4
6R8
6.8
100 kHz, 0.1 Vrms
0.019
4.6
100
10
100 kHz, 0.1 Vrms
0.025
3.8
150
15
100 kHz, 0.1 Vrms
0.040
3.0
220
22
100 kHz, 0.1 Vrms
0.050
2.6
330
33
100 kHz, 0.1 Vrms
0.088
2.0
470
47
100 kHz, 0.1 Vrms
0.12
1.6
680
68
100 kHz, 0.1 Vrms
0.16
1.4
101
100
100 kHz, 0.1 Vrms
0.23
1.2
151
150
100 kHz, 0.1 Vrms
0.33
1.0
221
220
100 kHz, 0.1 Vrms
0.53
0.8
331
330
100 kHz, 0.1 Vrms
0.81
0.6
471
470
100 kHz, 0.1 Vrms
1.10
0.5
681
680
100 kHz, 0.1 Vrms
1.60
0.4
102
1000
100 kHz, 0.1 Vrms
2.15
0.3
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
*Inductance drop = 10% typical at rated Isat
1st
2nd
3rd
12.95 max
9.40 max
2.54
2.54
7.62
Bottom
5.08 max
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - PSSL-0804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0804 ETC2-PSSL-0804 Datasheet
24Kb / 1P
SMD Power Inductor
PSSL-0804-100M-B ETC2-PSSL-0804-100M-B Datasheet
24Kb / 1P
SMD Power Inductor
PSSL-0804-100M-T ETC2-PSSL-0804-100M-T Datasheet
24Kb / 1P
SMD Power Inductor
PSSL-0804-101M-B ETC2-PSSL-0804-101M-B Datasheet
24Kb / 1P
SMD Power Inductor
PSSL-0804-101M-T ETC2-PSSL-0804-101M-T Datasheet
24Kb / 1P
SMD Power Inductor
More results

Similar Description - PSSL-0804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com