Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1752982001 Datasheet(PDF) 3 Page - Weidmuller

Part # 1752982001
Description  SL-SMT3.5/2/180G 1.5SN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1752982001 Datasheet(HTML) 3 Page - Weidmuller

  1752982001 Datasheet HTML 1Page - Weidmuller 1752982001 Datasheet HTML 2Page - Weidmuller 1752982001 Datasheet HTML 3Page - Weidmuller 1752982001 Datasheet HTML 4Page - Weidmuller 1752982001 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) | Plug connectors,
THR solder connection, pitch 3.5 | SL-SMT 3.5/180G | SL-SMT 3.5/180G Box
- 3 -
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
SL-SMT.LIB
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version
1842320000
SL-SMT3.5/2/180G 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 2, 180°, Box
1752992001
SL-SMT3.5/3/180G 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 3, 180°, Box
1842330000
SL-SMT3.5/3/180G 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 3, 180°, Box
1753002001
SL-SMT3.5/4/180G 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 4, 180°, Box
1842340000
SL-SMT3.5/4/180G 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 4, 180°, Box
1753012001
SL-SMT3.5/5/180G 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 5, 180°, Box
1842350000
SL-SMT3.5/5/180G 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 5, 180°, Box
1753022001
SL-SMT3.5/6/180G 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1842360000
SL-SMT3.5/6/180G 3.2SN SW
BOX
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 6, 180°, Box
1753032001
SL-SMT3.5/7/180G 1.5SN
PCB plug-in connector, Male connectors, Reflow solder connection,
Pitch: 3.50 mm, No. of poles: 7, 180°, Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com