Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EQ2001-7R Datasheet(PDF) 2 Page - Power-One

Part # EQ2001-7R
Description  60...132 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

EQ2001-7R Datasheet(HTML) 2 Page - Power-One

  EQ2001-7R Datasheet HTML 1Page - Power-One EQ2001-7R Datasheet HTML 2Page - Power-One EQ2001-7R Datasheet HTML 3Page - Power-One EQ2001-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Output 1
Output 2
Type
Type
Options
Uo nom
Io nom
Io max
Uo nom
Io nom
Io max
Input Voltage
Input Voltage
[V DC]
[A]
[A]
[V DC]
[A]
[A]
43...108 V DC
65...168 V DC
3.3
18
22
-
-
-
DQ 1101-7
EQ 1101-7
-9
5.1
16
20
-
-
-
DQ 1001-7R
EQ 1001-7R
-9, P
12
8
10
-
-
-
DQ 2320-7R
EQ 2320-7R
-9, P
15
6.6
8
-
-
-
DQ 2540-7R
EQ 2540-7R
-9, P
24
4
5.5
-
-
-
DQ 2660-7R
EQ 2660-7R
-9, P
24
4
5
-
-
-
DQ 2320-7R
EQ 2320-7R
-9, P
30
3.3
4
-
-
-
DQ 2540-7R
EQ 2540-7R
-9, P
48
2.2
2.75
-
-
-
DQ 2660-7R
EQ 2660-7R
-9, P
5.1
7.5
9.5
5.1
7.5
9.5
DQ 2001-7R
EQ 2001-7R
-9, P
12
4.4
5
12
4.4
5
DQ 2320-7R
EQ 2320-7R
-9, P
15
3.3
4
15
3.3
4
DQ 2540-7R
EQ 2540-7R
-9, P
24
2.2
2.75
24
2.2
2.75
DQ 2660-7R
EQ 2660-7R
-9, P
Cassette Style
Q Series
Input
Input voltage
refer to selection chart
Inrush current
ETS 300 132-2
typ. 40 A
Output
Efficiency
Ui nom, Io nom
up to 88 %
Output voltage setting accuracy
Ui nom, Io nom
±0.6% U
o nom
Worst case output voltage 1
Ui min...Ui max, 0...Io1 max, TC min...TC max
±1.8% U
o nom
Minimum output current 1, 2
in parallel configuration not required
0 A
Minimum output current 1, 2
in individual or series configuration
10%
Io1,2 nom
Load regulation output 2
Io1,2 min...Io1,2 max
typ. 100 m
Ω • (I
o1 – Io2)
Output voltage switching noise
IEC/EN 61204, total, peak-peak
typ 0.3%
Uo nom
Common current limit.
Io1 + Io2
rectangular U/I characteristic
typ. 130% (
Io1 max + Io2 max)
Operation of units in parallel
by connecting the current sharing pins T
Protection
Input reverse polarity
built-in fuse
Input undervoltage lockout
typ. 90 %
Ui min
Input overvoltage lockout
typ. 110 %
Ui max
Input transient protection
varistor
Output
no-load, overload and short-circuit proof
Output overvoltage
second control loop
typ. 125%
Uo nom
Overtemperature
switch-off with auto restart (-7 units)
TC typ. 100°C
Control
Output voltage adjustment
with feature R
60/80...110%
Uo nom
Inhibit on input side
TTL input, output(s) disabled if left open circuit
Status indication
LEDs: In OK (-7 units), Out OK (all)
Output good signal (Out OK)
isolated open collector signal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com