Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2882 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2882
Description  Dual Isolated RS232 關Module Transceiver Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology LTM2882 Datasheet HTML 14Page - Linear Technology LTM2882 Datasheet HTML 15Page - Linear Technology LTM2882 Datasheet HTML 16Page - Linear Technology LTM2882 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTM2882
13
2882fa
APPLICATIONS INFORMATION
PCB Layout
The high integration of the LTM2882 makes PCB layout
very simple. However, to optimize its electrical isolation
characteristics, EMI, and thermal performance, some
layout considerations are necessary.
• Under heavily loaded conditions, VCC and GND current
can exceed 300mA. Use sufficient copper on the PCB to
ensure resistive losses do not cause the supply voltage
to drop below the minimum allowed level. Similarly,
size the VCC2 and GND2 conductors to support any
external load current. These heavy copper traces will
also help to reduce thermal stress and improve the
thermal conductivity.
• Input and Output decoupling is not required, since
these components are integrated within the package.
If an additional bulk capacitor is used a value of 6.8μF
to 22μF is recommended. The recommendation for
EMI sensitive applications is to include an additional
low ESL ceramic capacitor of 1μF to 4.7μF, placed close
to the power and ground terminals. Alternatively, use a
number of smaller value parallel capacitors to reduce
ESL and achieve the same net capacitance.
• Do not place copper on the PCB between the inner col-
umns of pads. This area must remain open to withstand
the rated isolation voltage. Slot the PCB in this area to
facilitate cleaning and ensure contamination does not
compromise the isolation voltage.
• The use of solid ground planes for GND and GND2
is recommended for non-EMI critical applications to
optimize signal fidelity, thermal performance, and to
minimize RF emissions due to uncoupled PCB trace
conduction. The drawback of using ground planes,
where EMI is of concern, is the creation of a dipole
antenna structure, which can radiate differential voltages
formed between GND and GND2. If ground planes are
used, minimize their area, and use contiguous planes,
any openings or splits can increase RF emissions.
• For large ground planes a small capacitance (≤ 330pF)
from GND to GND2, either discrete or embedded within
the substrate, provides a low impedance current return
path for the module parasitic capacitance, minimizing
any high frequency differential voltages and substantially
reducing radiated emissions. Discrete capacitance is not
as effective due to parasitic ESL; in addition consider
voltage rating, leakage, and clearance for component
selection. Embedding the capacitance within the PCB
substrate provides a near ideal capacitor and eliminates
the other component selection issues, however the PCB
must be 4 layers and the use of a slot is not compatible.
Exercise care in applying either technique to ensure the
voltage rating of the barrier is not compromised.
The PCB layout in Figure 7 shows a recommended con-
figuration for a low EMI RS232 application.
Figure 7. Recommended PCB Layout
T1OUT
DE = VCC2
R1IN
T2OUT
R2IN
GND2
T1IN
R1OUT
VCC = VL
= ON
= DIN
T2IN
R2OUT
GND
2882 F07
C1
TOP LAYER
BOTTOM LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com