Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3050 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3050
Description  100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3050 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3050 Datasheet HTML 9Page - Linear Technology LT3050 Datasheet HTML 10Page - Linear Technology LT3050 Datasheet HTML 11Page - Linear Technology LT3050 Datasheet HTML 12Page - Linear Technology LT3050 Datasheet HTML 13Page - Linear Technology LT3050 Datasheet HTML 14Page - Linear Technology LT3050 Datasheet HTML 15Page - Linear Technology LT3050 Datasheet HTML 16Page - Linear Technology LT3050 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT3050 Series
13
3050fa
PIN FUNCTIONS
REF/BYP (Pin 1): Bypass/Soft-Start. Connecting a single
capacitor from this pin to GND bypasses the LT3050’s
reference noise and soft-starts the reference. A 10nF by-
pass capacitor typically reduces output voltage noise to
30μVRMS in a 10Hz to 100kHz bandwidth. Soft-start time
is directly proportional to the REF/BYP capacitor value.
If the LT3050 is placed in shutdown, REF/BYP is actively
pulled low by an internal device to reset soft-start. If low
noise or soft-start performance is not required, this pin
must be left floating (unconnected). Do not drive this pin
with any active circuitry. Because the REF/BYP pin is the
reference input to the error amplifier, stray capacitance at
this point should be minimized. Special attention should
be given to any stray capacitances that can couple external
signals onto the REF/BYP pin producing undesirable output
transients or ripple. A minimum REF/BYP capacitance of
100pF is recommended.
IMIN (Pin 2): Minimum Output Current Programming
Pin. This pin is the collector of a PNP current mirror that
outputs 1/200th of the power PNP load current. This pin
is also the input to the minimum output current fault com-
parator. Connecting a resistor between IMIN and GND sets
the minimum output current fault threshold. For detailed
information on how to set the IMIN pin resistor value,
please see the Operation section.
A small external decoupling capacitor (10nF minimum)
is required to improve IMIN PSRR. If minimum output
current programming is not required, the IMIN pin must
be left floating (unconnected).
FAULT (Pin 3): Fault Pin. This is an open collector logic
pin which asserts during current limit, thermal limit or
a minimum current fault condition. The maximum low
logic output level is defined for sinking 100μA of current.
Off state logic may be as high as 45V without damaging
internal circuitry regardless of the VIN used.
SHDN (Pin 4): Shutdown. Pulling the SHDN pin low puts
the LT3050 into a low power state and turns the output
off. Drive the SHDN pin with either logic or an open collec-
tor/drain with a pull-up resistor. The resistor supplies the
pull-up current to the open collector/drain logic, normally
several microamperes, and the SHDN pin current, typi-
cally less than 2μA. If unused, connect the SHDN pin to
IN. The LT3050 does not function if the SHDN pin is not
connected. The SHDN pin cannot be driven below GND
unless tied to the IN pin. If the SHDN pin is driven below
GND while IN is powered, the output may turn on. SHDN
pin logic cannot be referenced to a negative rail.
IN (Pin 5,6): Input. These pins supply power to the device.
The LT3050 requires a local IN bypass capacitor if it is
located more than six inches from the main input filter
capacitor. In general, battery output impedance rises
with frequency, so adding a bypass capacitor in battery
powered circuits is advisable. A minimum input of 1μF
generally suffices.
OUT (Pin 7,8): Output. These pins supply power to the
load. Stability requirements demand a minimum 2.2μF
ceramic output capacitor to prevent oscillations. Large
load transient applications require larger output capaci-
tors to limit peak voltage transients. See the Applications
Information section for details on transient response and
reverse output characteristics. Permissible output voltage
range for the adjustable voltage version is 600mV to 44.5V.
The top of the resistor divider setting output voltage in
the fixed 3.3V and 5V versions connects directly to OUT
on the IC.
ADJ (Pin 9): Adjust. This pin is the error amplifier’s inverting
terminal. Its typical bias of 16nA current flows out of the
pin (see curve of ADJ Pin Bias Current vs. Temperature
in the Typical Performance Characteristics section). The
typical ADJ pin voltage is 600mV referenced to GND.
GND (PIN 10, Exposed Pad Pin 13): Ground. The exposed
pad of the DFN and MSOP packages is an electrical con-
nection to GND. To ensure proper electrical and thermal
performance, solder Pin 13 to the PCB ground and tie
directly to Pin 10. Connect the bottom of the output volt-
age setting resistor divider directly to GND (Pin 10) for
optimum load regulation performance.
IMAX (Pin 11): Precision Current Limit Programming
Pin. This pin is the collector of a current mirror PNP that
is 1/200th the size of the output power PNP. This pin is
also the input to the current limit amplifier. Current limit
threshold is set by connecting a resistor between the IMAX
pin and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com