Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP-A911/02/P Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # EXP-A911/02/P
Description  EXP Series EXPlora - Hazardous Area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

EXP-A911/02/P Datasheet(HTML) 5 Page - Elektron Components Ltd.

  EXP-A911/02/P Datasheet HTML 1Page - Elektron Components Ltd. EXP-A911/02/P Datasheet HTML 2Page - Elektron Components Ltd. EXP-A911/02/P Datasheet HTML 3Page - Elektron Components Ltd. EXP-A911/02/P Datasheet HTML 4Page - Elektron Components Ltd. EXP-A911/02/P Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.bulgin.co.uk
5
EXPLORA
EXP Series EXPlora - Hazardous Area Connector
Electrical:
No Poles:
2, 3, 4, 5
7
10
Current Rating:
18A
16A
10A
Voltage Rating:
600Vac/dc
430Vac/dc
250Vac/dc
Contact Resistance:
<10m
Ω (initial)
Insulation Resistance:
>106M
Ω (@ 500V dc)
Dielectric strength:
2.2kV ac min
AC Breakdown voltage:
6kV
Ambient Temperature Range:
–20°C to +55°C
Standards:
ATEX Zone 2 and Zone 22
IEC60079-0:2007
IEC60079-15:2005
ATEX Coding:
II 3 GD
ATEX Certificate No:
Baseefa09ATEX0232X
ATEX Classification:
Ex nA IIC T6 Gc
Ex tc IIIC T85˚C Dc
Mechanical:
Sealing:
IP68, EN60529:2001 tested @
1.054kg/sq.cm. (15lb/sq.in.) 10m depth for
2 weeks
Cable Acceptance:
EXP-0911 - EXP-0921 13 - 15mm O/D standard,
7-13mm with gland pack
EXP-A911 - EXP-A921 20 - 22mm O/D standard,
14 - 20mm with gland pack
Contact Accommodation:
2.5 to 4mm2 (13 to10AWG) conductor,
single or multi stranded
Termination:
Axial screw terminals
Cable Retention force:
22mm dia, 150N
15mm dia, 150N
7mm dia, 80N
Gland Nut Torques:
EXP-0 range
13-15mm (Yellow - std.)
3.16Nm (28 lb/in)
11-13mm (black)
3.16Nm (28 lb/in)
9-11mm (white)
3.16Nm (28 lb/in)
7-9mm (dark grey)
3.16Nm (28 lb/in)
EXP-A range
20-22mm (Yellow - std.)
3.16Nm (28 lb/in)
18-20mm (black)
3.16Nm (28 lb/in)
16-18mm (white)
3.16Nm (28 lb/in)
14-16mm (dark grey)
3.16Nm (28 lb/in)
Tightening Torques:
Panel mount nut
2.25 Nm
Flange & Bulkhead
fixing screws
0.9 Nm
Materials:
Body Mouldings:
Polyester
Flammability Rating:
UL94V-0
UV Resistance:
To EN50021:1999
Contacts:
Machined Solid Brass, Nickel plated
O Rings:
Nitrile
Panel Sealing Gasket:
Silicone Rubber
Compliant
SPECIFICATION
Dimensions:
Overall dimensions of connectors when mated together
EXP-0911 + EXP-0921
230 mm max.
EXP-A911 + EXP-A921
270 mm max.
EXP-0911 + EXP-0931
135 mm max. (to panel)
EXP-A911 + EXP-A931
175 mm max. (to panel)
EXP-0911 + EXP-0941
145 mm max. (to panel, mid point on flange)
EXP-A911 + EXP-A941
174 mm max. (to panel, mid point on flange)
CONTACT LAYOUT
2 pole
3 pole
4 pole
5 pole
7 pole
10 pole



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com