Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRD Datasheet(PDF) 2 Page - Power-One

Part # FRD
Description  DUAL OUTPUT, 5 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FRD Datasheet(HTML) 2 Page - Power-One

  FRD Datasheet HTML 1Page - Power-One FRD Datasheet HTML 2Page - Power-One FRD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-65
Thermal Impedance
Natural convection
10.3 °C/W
100 LFM
7.7 °C/W
200 LFM
6.3 °C/W
300 LFM
5.1 °C/W
400 LFM
4.1 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated
for specific application.
FRD SERIES - DUAL OUTPUT, 5 WATT
MECHANICAL DRAWING
1+V
in
2-V
in
3+ V
out
4
Common
5- V
out
Inches:
(Millimeters)
.XX ± 0.040
.X ± 1.0
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
Case:
+ 0.04, - 0.00
+ 1.0, - 0.0
(Tolerances as listed unless otherwise specified.)
Pin
Function
MODELS - (See the last page of this file for options.)
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
5
5
12
12
24
24
28
28
48
48
4.65 - 5.50
4.65 - 5.50
10.90 - 13.20
10.90 - 13.20
21.60 - 26.40
21.60 - 26.40
25.20 - 30.80
25.20 - 30.80
43.20 - 52.80
43.20 - 52.80
2.01
2.04
0.85
0.86
0.43
0.45
0.37
0.38
0.21
0.22
±12
±15
±12
±15
±12
±15
±12
±15
±12
±15
±0.23
±0.19
±0.23
±0.19
±0.23
±0.19
±0.23
±0.19
±0.23
±0.19
40
40
40
40
40
40
40
40
40
40
65%
66%
66%
67%
66%
65%
69%
71%
65%
66%
FRD512
FRD515
FRD1212
FRD1215
FRD2412
FRD2415
FRD2812
FRD2815
FRD4812
FRD4815
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
1.40"
1.10"
0.800"
0.200"
0
(50.8mm)
2.00"
(50.8mm)
2.00"
0.18"(4.6mm) MIN.
0
5
4
2
1
3
(1.0mm)
DIA 0.040"
(10.2mm)
0.40"
0.500"
(12.7mm)
0.100"
(2.5mm)
-0.300"
(-7.6mm)
(35.6mm)
(20.3mm)
(5.1mm)
(27.9mm)
BOTTOM VIEW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com