Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM1601-7R Datasheet(PDF) 2 Page - Power-One

Part # DM1601-7R
Description  50 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM1601-7R Datasheet(HTML) 2 Page - Power-One

  DM1601-7R Datasheet HTML 1Page - Power-One DM1601-7R Datasheet HTML 2Page - Power-One DM1601-7R Datasheet HTML 3Page - Power-One DM1601-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Cassette Style
M Series
Input
Input voltage
6 wide-input ranges (1:5)
refer to selection chart
Inrush current limitation
CM, DM, LM by thermistor
Output
Efficiency
Ui nom, Io nom
up to 83 %
Output voltage setting accuracy
Ui nom, Io nom
±0.6% U
o nom
Output voltage switching noise
IEC/EN 61204, total
typ. 50 mVpp
Line regulation
Ui min...Ui max, Io nom, each output regulated
typ.
±0.3% U
o nom
Load regulation
Ui nom, 0...Io nom, each output regulated
typ. 0.15%
Uo nom
Minimum load
not required
0 A
Current limitation main output
rectangular U/I characteristic
typ. 110 %
Io nom
Current limitation aux. output(s) rectangular U/I characteristic
typ. 120 %
Io nom
Operation in parallel
by current limitation, only main outputs
Hold-up time
Ui nom, Io nom, LM
typ. 100 ms
Ui nom, Io nom, A/B/C/D/FM with ext. diode in input line
up to 7 ms
Protection
Input reverse polarity
built-in fuse
Input undervoltage lockout
typ. 80 %
Ui min
Input overvoltage lockout
typ. 110 %
Ui max
Input transient protection
varistor or suppressor diode
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 150%
Uo nom
Overtemperature
switch-off with auto restart
TC typ. 100
°C
Control
Output voltage adjustment
single output types
0...110%
Uo nom
Inhibit
TTL input, output(s) disabled if open circuit
Status indication
LEDs: OK, inhibit, overload
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Class of equipment
AM, BM, CM, DM, FM, LM
class I
CMZ, DMZ, LMZ
class II
Protection degree
units without options
IP 40
Electric strength test voltage
class I, I/case
2 kV AC
class I, I/O
4 kV AC
class II, CMZ/DMZ/LMZ, I/O and I/case
4 kV AC
O/case
1 kV AC
O/O
0.2 kV AC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com