Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP-A911/02/S Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # EXP-A911/02/S
Description  EXP Series EXPlora - Hazardous Area
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

EXP-A911/02/S Datasheet(HTML) 3 Page - Elektron Components Ltd.

  EXP-A911/02/S Datasheet HTML 1Page - Elektron Components Ltd. EXP-A911/02/S Datasheet HTML 2Page - Elektron Components Ltd. EXP-A911/02/S Datasheet HTML 3Page - Elektron Components Ltd. EXP-A911/02/S Datasheet HTML 4Page - Elektron Components Ltd. EXP-A911/02/S Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.bulgin.co.uk
3
EXPLORA
EXP-0941
Mates with EXP-0911 and
EXP-A911 connectors
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
Flange Mounting
EXP-0941/02/P
2 pole Plug
EXP-0941/02/S
2 pole Socket
EXP-0941/03/P
3 pole Plug
EXP-0941/03/S
3 pole Socket
EXP-0941/04/P
4 pole Plug
EXP-0941/04/S
4 pole Socket
EXP-0941/05/P
5 pole Plug
EXP-0941/05/S
5 pole Socket
EXP-0941/07/P
7 pole Plug
EXP-0941/07/S
7 pole Socket
EXP-0941/10/P
10 pole Plug
EXP-0941/10/S
10 pole Socket
Panel Mounting
EXP-0931/02/P
2 pole Plug
EXP-0931/02/S
2 pole Socket
EXP-0931/03/P
3 pole Plug
EXP-0931/03/S
3 pole Socket
EXP-0931/04/P
4 pole Plug
EXP-0931/04/S
4 pole Socket
EXP-0931/05/P
5 pole Plug
EXP-0931/05/S
5 pole Socket
EXP-0931/07/P
7 pole Plug
EXP-0931/07/S
7 pole Socket
EXP-0931/10/P
10 pole Plug
EXP-0931/10/S
10 pole Socket
EXP-0931
Mates with EXP-0911 and
EXP-A911 connectors
Single hole fixing
Anti-rotation key
High grade sealing gasket
3-7mm panel thickness
EXP Series EXPlora - Hazardous Area Connector
PANEL MOUNTING CONNECTOR
FLANGE MOUNTING CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com