Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAD Datasheet(PDF) 2 Page - Power-One

Part # HAD
Description  DUAL OUTPUT, 30 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HAD Datasheet(HTML) 2 Page - Power-One

  HAD Datasheet HTML 1Page - Power-One HAD Datasheet HTML 2Page - Power-One HAD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-77
HAD SERIES - DUAL OUTPUT, 30 WATT
Natural Convection
8.0 °C/W
100 LFM
6.8 °C/W
200 LFM
4.9 °C/W
300 LFM
3.6 °C/W
400 LFM
3.0 °C/W
Tolerances
MECHANICAL DRAWING
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
Thermal Impedance
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
Pin
Function
1-V
in
2
Case
3On/Off
4+V
in
5
+3.3V
out
6
3.3V RETURN
7
3.3V Trim
8
+5V
out
9
5V RETURN
10
5V Trim
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
24
48
18 - 36
34 - 75
2.24
1.15
5.0/3.3
5.0/3.3
6.0/7.5
6.0/7.5
75/75
75/75
78%
80%
HAD030TGE-A
HAD030ZGE-A
Denotes advanced product release. Consult factory for product availability.
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
Note: Current can be drawn from either output to its maximum value, or from both outputs to a combined total of 30 Watts.
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
1.500"(38.1mm)
1.200"(30.5mm)
0.900"(22.9mm)
0.500"(12.7mm)
0.200"(5.1mm)
-0.100"(-2.5mm)
1.700"(43.2mm)
-0.50"(-12.7mm)
-0.300"(-7.6mm)
1.400"(35.6mm)
1.000"(25.4mm)
0.400"(10.2mm)
0
(12.7mm)
0.50"
(0.6mm)
.025" REF.
(1.0mm)
DIA 0.040"
(4.6mm)
0.18"
(61.0mm)
2.40"
(57.9mm)
2.28"
M3X.5 THROUGH 4PL
MOUNTING INSERTS
0
(-4.8mm)
-0.19"
(48.3mm)
1.900"
MODELS - (See the last page of this file for options.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com