Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3109IGN-PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3109IGN-PBF
Description  Auto-Polarity, Ultralow Voltage Step-Up Converter and Power Manager
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3109IGN-PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3109IGN-PBF Datasheet HTML 9Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 10Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 11Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3109IGN-PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3109

3109f
applicaTions inForMaTion
TEG LOAD MATCHING
The LTC3109 was designed to present an input resistance
(load) in the range of 2Ω to 10Ω, depending on input volt-
age,transformerturnsratioandtheC1AandC2Acapacitor
values (as shown in the Typical Performance curves). For
a given turns ratio, as the input voltage drops, the input
resistance increases. This feature allows the LTC3109 to
optimize power transfer from sources with a few Ohms
of source resistance, such as a typical TEG. Note that a
lower source resistance will always provide more output
current capability by providing a higher input voltage
under load.
UNIPOLAR APPLICATIONS
The LTC3109 can also be configured to operate from two
independent unipolar voltage sources, such as two TEGs
in different locations. In this configuration, energy can be
harvestedfromeitherorbothsourcessimultaneously.See
the Typical Applications for an example.
The LTC3109 can also be configured to operate from a
single unipolar source, using a single step-up transformer,
by ganging its VIN and SW pins together. In this manner,
it can extract the most energy from very low resistance
sources. See Figure 3 for an example of this configuration,
along with the performance curves.
PELTIER CELL (TEG) SUPPLIERS
Peltiercellsareavailableinawiderangeofsizesandpower
capabilities, from less than 10mm square to over 50mm
square. They are typically 2mm to 5mm in height. A list
of some Peltier cell manufacturers is given in Table 3 and
some recommended part numbers in Table 4.
COMPONENT SELECTION
Step-Up Transformer
The turns ratio of the step-up transformers will determine
how low the input voltage can be for the converter to start.
Due to the auto-polarity architecture, two identical step-up
transformersshouldbeused,unlessthetemperaturedrop
across the TEG is significantly different in one polarity, in
which case the ratios may be different.
Table 3. Peltier Cell Manufacturers
CUI Inc
www.cui.com
Ferrotec
www.ferrotec.com/products/thermal/modules/
Fujitaka
www.fujitaka.com/pub/peltier/english/thermoelectric_power.html
Hi-Z Technology
www.hi-z.com
Kryotherm
www.kryotherm
Laird Technologies
www.lairdtech.com
Micropelt
www.micropelt.com
Nextreme
www.nextreme.com
TE Technology
www.tetech.com/Peltier-Thermoelectric-Cooler-Modules.html
Tellurex
www.tellurex.com/
Table 4. Recommended TEG Part Numbers by Size
MANUFACTURER
15mm
20mm
30mm
40mm
CUI Inc. (Distributor)
CP60133
CP60233
CP60333
CP85438
Ferrotec
9501/031/030 B
9501/071/040 B
9500/097/090 B
9500/127/100 B
Fujitaka
FPH13106NC
FPH17106NC
FPH17108AC
FPH112708AC
Kryotherm
TGM-127-1.0-0.8
LCB-127-1.4-1.15
Laird Technology
PT6.7.F2.3030.W6
PT8.12.F2.4040.TA.W6
Marlow Industries
RC3-8-01
RC6-6-01
RC12-8-01LS
Tellurex
C2-15-0405
C2-20-0409
C2-30-1505
C2-40-1509
TE Technology
TE-31-1.0-1.3
TE-31-1.4-1.15
TE-71-1.4-1.15
TE-127-1.4-1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com