Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3108 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3108
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3108 Datasheet HTML 14Page - Linear Technology LTC3108 Datasheet HTML 15Page - Linear Technology LTC3108 Datasheet HTML 16Page - Linear Technology LTC3108 Datasheet HTML 17Page - Linear Technology LTC3108 Datasheet HTML 18Page - Linear Technology LTC3108 Datasheet HTML 19Page - Linear Technology LTC3108 Datasheet HTML 20Page - Linear Technology LTC3108 Datasheet HTML 21Page - Linear Technology LTC3108 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC3108

3108fa
duration of the burst and T is the period of the transmit
burst rate (essentially the time between bursts).
In this example, IQ = 5µA, IBURST = 100mA, t = 5ms and
T = one hour. The average charge current required from
the LTC3108 would be:
I
µA
mA
µA
CHG ≥
+
=
5
100
0 005
3600
5 14
• .
sec
sec
.
Therefore, if the LTC3108 has an input voltage that allows
it to supply a charge current greater than 5.14µA, the
application can support 100mA bursts lasting 5ms every
hour. It can be determined that the sleep current of 5µA
is the dominant factor because the transmit duty cycle is
so small (0.00014%). Note that for a VOUT of 3.3V, the
average power required by this application is only 17µW
(not including converter losses).
Note that the charge current available from the LTC3108
has no effect on the sizing of the VOUT capacitor (if it is
assumedthattheloadcurrentduringaburstismuchlarger
than the charge current), and the VOUT capacitor has no
effect on the maximum allowed burst rate.
applicaTions inForMaTion
Peltier-Powered Energy Harvester for Remote Sensor Applications
Typical applicaTions
3108 TA02
C1
C2
SW
VS2
VS1
COOPER BUSSMAN PB-5ROH104-R
OR KR-5R5H104-R
VOUT2
VOUT2
PGOOD
2.2V
COUT*
PGD
VLDO
VSTORE
+
VOUT
VOUT2_EN
LTC3108
VAUX
GND
CSTORE
0.1F
6.3V
5V
3.3V
1µF
1nF
CIN
1:100
T1
T1: COILCRAFT LPR6235-752SML
*COUT VALUE DEPENDENT ON
THE MAGNITUDE AND DURATION
OF THE LOAD PULSE
330pF
∆T = 1°C TO 20°C
SENSORS
XMTR
µP
2.2µF
ON
OFF
3.3V
+
+
+
THERMOELECTRIC
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com