Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3581 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3581
Description  3.3A Boost/Inverting DC/DC Converter with Fault Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3581 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3581 Datasheet HTML 17Page - Linear Technology LT3581 Datasheet HTML 18Page - Linear Technology LT3581 Datasheet HTML 19Page - Linear Technology LT3581 Datasheet HTML 20Page - Linear Technology LT3581 Datasheet HTML 21Page - Linear Technology LT3581 Datasheet HTML 22Page - Linear Technology LT3581 Datasheet HTML 23Page - Linear Technology LT3581 Datasheet HTML 24Page - Linear Technology LT3581 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT3581

3581f
VOUT
10V/DIV
SS
1V/DIV
IL
5A/DIV
VIN
5V/DIV
3581 F14
1s/DIV
applicaTions inForMaTion
Figure 14. Inrush Current Is Well Controlled in Spite Of Hot-
Plugging the Re-configured Boost Converter in Figure 18
HOT-PLUG
The high inrush current associated with hot-plugging VIN
can be largely rejected with the use of an external PMOS. A
simple hot-plug controller can be designed by connecting
an external PMOS in series with VIN, with the gate of the
PMOS being driven by the GATE pin of the LT3581. Since
the GATE pin pull-down current is linearly proportional to
theSSvoltage,andtheSSchargeuptimeisrelativelyslow,
the GATE pin pull-down current will increase gradually,
thereby turning on the external PMOS slowly. Controlled
in this manner, the PMOS acts as an input current limiter
when VIN hot-plugs or ramps up sharply.
Likewise, when the PMOS is connected in series with the
output, inrush currents into the output capacitor can be
limitedduringahot-plugevent.Toillustratethis,thecircuit
in Figure 18 was re-configured by adding a large 1500µF
capacitor to the output. An 18Ω resistive load was used
and a 2.2µF capacitor was placed on SS. Figure 14 shows
theresultsofhot-pluggingthisre-configuredcircuit.Notice
how the inductor current is well behaved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com