Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW-0603-R10J-T Datasheet(PDF) 1 Page - Caliber Electronics Inc.

Part # LSW-0603-R10J-T
Description  Wound Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALIBER [Caliber Electronics Inc.]
Direct Link  
Logo CALIBER - Caliber Electronics Inc.

LSW-0603-R10J-T Datasheet(HTML) 1 Page - Caliber Electronics Inc.

  LSW-0603-R10J-T Datasheet HTML 1Page - Caliber Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
LSW - 0603 - 1N6 K - T
Dimensions
Packaging Style
(Length, Width)
B=Bulk
T=Tape & Reel (4000 pcs / reel)
Inductance Code
Tolerance
F=1%, G=2%, J=5%, K=10%, M=20%
Wound Chip Inductor
(LSW-0603 Series)
Features
Inductance Range
1.6 nH to 270 nH
Tolerance
1%, 2%, 5%, 10%, 20%
Construction
Ceramic body with wire wound construction
Dimensions in mm
Specifications subject to change without notice.
Rev. 03/01
(Not to scale)
Electrical Specifications
L
Code
L
(nH)
Q
Min
SRF Min
(MHz)
RDC Max
(Ohms)
IDC Max
(mA)
900 MHz
1.7 GHz
L Typ
Q Typ
L Typ
Q Typ
1N6
1.6
24
12500
0.030
700
1.67
49
1.65
63
1N8
1.8
16
12500
0.045
700
1.63
35
1.66
50
3N6
3.6
22
5900
0.063
700
3.72
53
3.71
65
3N9
3.9
22
6900
0.080
700
3.95
49
3.96
67
4N3
4.3
22
5900
0.063
700
4.32
50
4.33
70
4N7
4.7
20
5800
0.116
700
4.72
47
4.75
57
5N1
5.1
20
5700
0.140
700
4.93
47
4.95
56
6N8
6.8
27
5800
0.110
700
6.75
60
7.10
81
7N5
7.5
28
4800
0.106
700
7.70
60
7.82
65
8N7
8.7
28
4600
0.109
700
8.86
62
9.32
58
9N5
9.5
28
5400
0.135
700
9.70
59
9.92
61
10N
10
31
4800
0.130
700
10.0
66
10.6
83
11N
11
33
4000
0.086
700
11.0
53
11.5
56
12N
12
35
4000
0.130
700
12.3
72
13.5
83
15N
15
35
4000
0.170
700
15.4
64
16.8
89
16N
16
34
3300
0.104
700
16.2
55
17.3
52
18N
18
35
3100
0.170
700
18.7
70
21.4
69
22N
22
38
3000
0.190
700
22.8
73
26.1
71
24N
24
37
2650
0.135
700
24.5
45
28.7
39
27N
27
40
2800
0.220
600
29.2
74
34.6
65
30N
30
37
2250
0.144
600
31.4
47
39.9
28
33N
33
40
2300
0.220
600
36.0
67
49.5
42
R22
220
25
900
1.900
200
480
8
R27
270
24
900
2.300
170
980
4
Test Freq
(MHz
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
100
100
36N
36
250
38
2080
0.250
600
39.4
47
52.7
24
39N
39
250
40
2200
0.250
600
42.7
60
60.2
40
43N
43
250
39
2000
0.280
600
47.0
44
64.9
21
47N
47
200
38
2000
0.280
600
52.2
62
77.2
35
56N
56
200
38
1900
0.310
600
62.5
56
97.0
26
68N
68
200
37
1700
0.340
600
80.5
54
168
21
72N
72
150
34
1700
0.490
400
82.0
53
135
20
82N
82
150
34
1700
0.540
400
96.2
54
177
21
R10
100
150
34
1400
0.580
400
124
49
R11
110
150
32
1350
0.610
300
138
43
R12
120
150
32
1300
0.650
300
166
39
R15
150
150
28
990
0.920
280
250
25
R18
180
100
25
990
1.250
240
305
22
6N3
6.3
250
20
5700
0.140
700
5.50
47
6.10
60
8N2
8.2
250
28
4700
0.109
700
8.30
60
8.50
60
0.33
Overall 1.12 max
1.80 max
0.38
1.02 max
0.86
0.76 Terminal
Terminal Wraparound
Approx. 0.18 mm Both Ends
0.54
1.02
0.64
Suggested
Pad Layout
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSW-0603-R10J-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSW-0603-R10J-T ETC2-LSW-0603-R10J-T Datasheet
31Kb / 1P
Wound Chip Inductor
More results

Similar Description - LSW-0603-R10J-T

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com