Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3741
Description  High Power, Constant Current, Constant Voltage, Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology LT3741 Datasheet HTML 13Page - Linear Technology LT3741 Datasheet HTML 14Page - Linear Technology LT3741 Datasheet HTML 15Page - Linear Technology LT3741 Datasheet HTML 16Page - Linear Technology LT3741 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3741

3741f
applicaTions inFormaTion
Programming Inductor Current
The analog voltage at the CTRL1 pin is buffered and
produces a reference voltage, VCTRL, across an internal
resistor. The regulated average inductor current is deter-
mined by:
I
V
R
O
CTRL
S
=
1
30 •
where RS is the external sense resistor and IO is the aver-
age inductor current, which is equal to the output current.
Figure 2 shows the maximum output current vs RS. The
maximum power dissipation in the resistor will be:
P
V
R
RS
S
= (
)
0 05 2
.
Table1containsseveralresistorsvalues,thecorresponding
maximumcurrentandpowerdissipationinthesenseresis-
tor. Susumu, Panasonic and Vishay offer accurate sense
resistors. Figure 3 shows the power dissipation in RS.
Table 1. Sense Resistor Values
MAXIMUM OUTPUT
CURRENT (A)
RESISTOR, RS (mΩ) POWER DISSIPATION (W)
1
50
0.05
5
10
0.25
10
5
0.5
25
2
1.25
Inductor Selection
Size the inductor to have no less than 30% peak-to-peak
ripple. The overcurrent set point is equal to the high
level regulated current level set by the CTRL1 pin with
an additional 23mV offset between the SENSE+ and
SENSE– pins. The saturation current for the inductor
should be at least 20% higher than the maximum regu-
lated current. The following equation sizes the inductor
for best performance:
L
V
V
V
f I V
IN
O
O
S O
IN
=
•
–
. • • •
2
0 3
whereVOistheoutputvoltage,IOisthemaximumregulated
current in the inductor and fS is the switching frequency.
Using this equation, the inductor will have approximately
15% ripple at maximum regulated current.
Table 2. Recommended Inductor Manufacturers
VENDOR
WEBSITE
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Vishay
www.vishay.com
Würth Electronics
www.we-online.com
NEC-Tokin
www.nec-tokin.com
RS (m)
0
0
0.2
0.6
0.8
1.0
1.4
2
10
14
3741 F03
0.4
1.2
8
18 20
4
6
12
16
RS (m)
0
10
20
30
5
15
25
4
8
12
16
3741 F02
20
2
0
6
10
14
18
Figure 2. RS Value Selection for Regulated Output Current
Figure 3. Power Dissipation in RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com