Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3757
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 2 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3757

3757fb
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN,SHDN/UVLO(Note6).........................................40V
INTVCC....................................................VIN+0.3V,20V
GATE........................................................ INTVCC+0.3V
SYNC..........................................................................8V
VC,SS.........................................................................3V
RT............................................................................1.5V
SENSE....................................................................±0.3V
FBX................................................................. –6Vto6V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
9
6
7
8
4
5
11
3
2
1
VIN
SHDN/UVLO
INTVCC
GATE
SENSE
VC
FBX
SS
RT
SYNC
TJMAX=125°C,θJA=43°C/W
EXPOSEDPAD(PIN11)ISGND,MUSTBESOLDEREDTOPCB
1
2
3
4
5
VC
FBX
SS
RT
SYNC
10
9
8
7
6
VIN
SHDN/UVLO
INTVCC
GATE
SENSE
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
TJMAX=150°C,θJA=40°C/W
EXPOSEDPAD(PIN11)ISGND,MUSTBESOLDEREDTOPCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3757EDD#PBF
LT3757EDD#TRPBF
LDYW
10-Lead(3mm
×3mm)PlasticDFN
–40°Cto125°C
LT3757IDD#PBF
LT3757IDD#TRPBF
LDYW
10-Lead(3mm
×3mm)PlasticDFN
–40°Cto125°C
LT3757EMSE#PBF
LT3757EMSE#TRPBF
LTDYX
10-Lead(3mm
×3mm)PlasticMSOP
–40°Cto125°C
LT3757IMSE#PBF
LT3757IMSE#TRPBF
LTDYX
10-Lead(3mm
×3mm)PlasticMSOP
–40°Cto125°C
LT3757HMSE#PBF
LT3757HMSE#TRPBF
LTDYX
10-Lead(3mm
×3mm)PlasticMSOP
–40°Cto150°C
LT3757MPMSE#PBF
LT3757MPMSE#TRPBF
LTDYX
10-Lead(3mm
×3mm)PlasticMSOP
–55°Cto125°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.*Thetemperaturegradeisidentifiedbyalabelontheshippingcontainer.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/
OperatingTemperatureRange(Notes2,8)
LT3757E............................................. –40°Cto125°C
LT3757I.............................................. –40°Cto125°C
LT3757H............................................ –40°Cto150°C
LT3757MP......................................... –55°Cto125°C
StorageTemperatureRange
DFN.................................................... –65°Cto125°C
MSOP................................................ –65°Cto150°C
LeadTemperature(Soldering,10sec)
MSOP...............................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com