Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4180 Datasheet(PDF) 13 Page - Linear Technology

Part # LT4180
Description  Virtual Remote Sense Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT4180 Datasheet HTML 8Page - Linear Technology LT4180 Datasheet HTML 9Page - Linear Technology LT4180 Datasheet HTML 10Page - Linear Technology LT4180 Datasheet HTML 11Page - Linear Technology LT4180 Datasheet HTML 12Page - Linear Technology LT4180 Datasheet HTML 13Page - Linear Technology LT4180 Datasheet HTML 14Page - Linear Technology LT4180 Datasheet HTML 15Page - Linear Technology LT4180 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT4180
13
4180fp
TYPICAL APPLICATIONS
12V, 500mA Linear Regulator
12V, 600mA Boost Regulator
R11
10k 1%
R9
5.36k
1%
OV
FB
DIV0
DIV1
VIN
INTVCC
INTVCC
VPP
COMP GND
DRAIN
DIV2
CHOLD1
CHOLD2
GUARD2
GUARD3
GUARD4
CHOLD3
CHOLD4
C12
10nF
4180 TA03
RUN
ROSC
COSC
R7
2k
1%
SENSE
SPREAD
U2
LT4180EGN
C13
470pF
C11
470pF
C10
470pF
C9
4.7nF
C7
47pF
D1
DFLS220
L1
4.7μH
OUTPUT TO WIRING AND LOAD
(100mA MINIMUM)
600mA, 6Ω MAX RWIRE
470μF LOAD CAPACITANCE
VISHAY
IHLP2525CZ-11
C3
1μF
R12
41.7k
1%
C8
1nF
R5
3.65k
1%
R3
61.9k
1%
R13
1.5k
C4
1μF
R1
0.05
1%
OSC
GND
VIN
5V
C6
0.1μF
R10
84.5k
FAULT
SHDN
VCC
SYNC RT
SS CLKOUT
GND
GATE SW1 SW1 SW1 SW2 SW2 SW2
FB
VC
U1
LT3581EMSE
R2
191k
R6
24.3k
R8
10k
R4
100k
C2
10μF
25V
C1
4.7μF
16V
R8
20k
OV
FB
DIV0
DIV1
VIN
INTVCC
INTVCC
VPP
COMP GND
DRAIN
DIV2
CHOLD1
CHOLD2
GUARD2
GUARD3
GUARD4
CHOLD3
CHOLD4
C10
10nF
4180 TA02
RUN
ROSC
COSC
R6
2.2k
1%
SENSE
SPREAD
U2
LT4180EGN
C11
470pF
C9
470pF
C8
470pF
C7
4.7nF
Q1
IRLZ440
OUTPUT TO WIRING AND LOAD
500mA
8Ω MAX RWIRE
330μF LOAD CAPACITANCE
C2
1μF
R9
41.7k
1%
R4
3.74k
1%
R2
63.4k
1%
C3
1μF
R1
0.1Ω
1%
OSC
GND
VIN
20V
R3
27k
C4
10μF
25V
C1
4.7μF
25V
R5
5.36k
1%
INTVCC
C6
1nF
C5
22pF
Q2
VN2222
R7
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com