Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4180IGN-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT4180IGN-PBF
Description  Virtual Remote Sense Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180IGN-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT4180IGN-PBF Datasheet HTML 1Page - Linear Technology LT4180IGN-PBF Datasheet HTML 2Page - Linear Technology LT4180IGN-PBF Datasheet HTML 3Page - Linear Technology LT4180IGN-PBF Datasheet HTML 4Page - Linear Technology LT4180IGN-PBF Datasheet HTML 5Page - Linear Technology LT4180IGN-PBF Datasheet HTML 6Page - Linear Technology LT4180IGN-PBF Datasheet HTML 7Page - Linear Technology LT4180IGN-PBF Datasheet HTML 8Page - Linear Technology LT4180IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT4180
5
4180fp
PIN FUNCTIONS
INTVCC (Pin 1): The LDO Output. A low ESR ceramic
capacitor provides decoupling and output compensation.
1μF or more should be used.
DRAIN (Pin 2): Open-Drain of the Output Transistor. This
pin drives either the LED in an opto-isolator, or pulls down
on the regulator control pin.
COMP (Pin 3): Gate of the Output Transistor. This pin allows
additional compensation. It must be left open if unused.
CHOLD1 (Pin 4): Connects to track/hold amplifier hold
capacitor. The other end of this capacitor should be Kelvin
connected to GND.
GUARD2 (Pin 5): Guard Ring Drive for CHOLD2.
CHOLD2 (Pin 6): Connects to track/hold amplifier hold
capacitor. The other end of this capacitor should be Kelvin
connected to GND.
GUARD3 (Pin 7): Guard Ring Drive for CHOLD3.
CHOLD3 (Pin 8): Connects to track/hold amplifier hold
capacitor. The other end of this capacitor should be Kelvin
connected to GND.
GUARD4 (Pin 9): Guard Ring Drive for CHOLD4.
CHOLD4 (Pin 10): Connects to track/hold amplifier hold
capacitor. The other end of this capacitor should be Kelvin
connected to GND.
FB (Pin 11): Receives the feedback voltage from an exter-
nal resistor divider across the main output. An (optional)
capacitor to ground may be added to eliminate high
frequency noise. The time constant for this RC network
should be no greater than 0.1 times the dither frequency.
For example, with fDITHER = 1kHz, τ = 0.1ms.
GND (Pin 12): Ground.
COSC (Pin 13): Oscillator Timing Capacitor. Oscillator fre-
quency is set by this capacitor and ROSC. For best accuracy,
the minimum recommended capacitance is 100pF.
ROSC (Pin 14): Oscillator Timing Resistor. Oscillator
frequency is set by this resistor and COSC.
OSC (Pin 15): Oscillator Output. This output may be
used to synchronize the switching regulator to the
Virtual Remote Sense. This is a high current output capable
of driving opto-isolators. Other isolation methods may
also be used with this output.
DIV2 (Pin 16): Dither Division Ratio Programming Pin.
DIV1 (Pin 17): Dither Division Ratio Programming Pin.
DIV0 (Pin 18): Dither Division Ratio Programming Pin.
Use the following table to program the dither division
ratio (fOSC/fDITHER)
Table 1. Programming the Dither Division Ratio (fOSC/fDITHER)
DIV2
DIV1
DIV0
DIVISION RATIO
0008
001
16
010
32
011
64
100
128
101
256
110
512
1
1
1
1024
For example, fDITHER = fOSC/128 with DIV2 = 1 and DIV1
= DIV0 = 0.
SPREAD (Pin 19): Spread Spectrum Enable Input. Dither
phasing is pseudo-randomly adjusted when SPREAD is
tied high.
OV (Pin 20): Overvoltage Comparator Input. This prevents
line drop correction when wiring drops would cause ex-
cessive switching power supply output voltage. Set OV
so VREG(MAX) ≤ 1.50VLOAD.
RUN (Pin 21): The RUN pin provides the user with an accu-
rate means for sensing the input voltage and programming
the start-up threshold for the line drop corrector.
SENSE (Pin 22): Current Sense Input. This input connects
to the current sense resistor. Kelvin connect to RSENSE.
VPP (Pin 23): Connect this pin to INTVCC.
VIN(Pin24):MainSupplyPin.VINmustbelocallybypassed
to ground. Kelvin connect the current sense resistor to
this pin and minimize interconnect resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com