Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML032RGB Datasheet(PDF) 1 Page - Rohm

Part # SML032RGB
Description  3-color type LED (standard)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML032RGB Datasheet(HTML) 1 Page - Rohm

  SML032RGB Datasheet HTML 1Page - Rohm SML032RGB Datasheet HTML 2Page - Rohm SML032RGB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
0.8
3
1.4
(unit : mm)
Tolerance :
±0.15
(unit : mm)
*1:Duty1/20, 1ms *2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength
λD Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
■ ■ ■
SML032RGB1T
InGaN
on SiC
Blue
78
20
100*
1
5
-40 to +85
-40 to +100
3.2
20
100
5
465
470
480
20
50
125
20
Green
3.3
520
530
540
200
500
AlGaInP on
GaP
Red
84
30
2.2
620
630
638
140
350
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
B
R
G
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X’ - Y’
B
R
G
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
SML032RGB
R
G, B
R
G
B
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
SML032RGB
Features
・3-color type LED (standard)
3530
(1412)size
3.5
×3.0mm(t=1.3mm)
Color
Type
R
GB
1/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.A


Similar Part No. - SML032RGB

ManufacturerPart #DatasheetDescription
logo
Rohm
SML032RGB1T ROHM-SML032RGB1T Datasheet
1Mb / 4P
3-color type LED (standard)
SML032RGB1T1Y ROHM-SML032RGB1T1Y Datasheet
1Mb / 4P
3-color type LED (standard)
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
3-color type LED (standard)
More results

Similar Description - SML032RGB

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM016DT NICHIA-NSSM016DT Datasheet
435Kb / 13P
TYPE FULL COLOR LED
NSSM026ABT NICHIA-NSSM026ABT Datasheet
306Kb / 13P
TYPE FULL COLOR LED
logo
Rohm
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
3-color type LED (standard)
logo
Kersemi Electronic Co.,...
LL-509RGBM2E-004 KERSEMI-LL-509RGBM2E-004 Datasheet
197Kb / 10P
5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
Lucky Light Electronic
LL-509RGBM2E-004 LUCKY-LIGHT-LL-509RGBM2E-004 Datasheet
197Kb / 10P
5mm Standard T-1 3/4 Type Full Color With Common Anode LED
logo
Rohm
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
2-color type LED
logo
Elite Enterprises (H.K....
EL-2RG732 ELITE-EL-2RG732 Datasheet
203Kb / 1P
MULTI-COLOR TYPE LED
EL-3RG332 ELITE-EL-3RG332 Datasheet
201Kb / 1P
MULTI-COLOR TYPE LED
EL-3RG332-BSF ELITE-EL-3RG332-BSF Datasheet
203Kb / 1P
MULTI-COLOR TYPE LED
EL-3RGU32 ELITE-EL-3RGU32 Datasheet
202Kb / 1P
MULTI-COLOR TYPE LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com